PART |
Description |
Maker |
ADG901 ADG901BCP-500RL7 ADG901BCP-REEL7 ADG901BRM |
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
|
AD[Analog Devices]
|
ADG918BCP-REEL7 ADG918BCPZ-500RL7 ADG918BCP-500RL7 |
Wideband 43 dB Isolation @ 1 GHz CMOS 1.65 V to 2.75 V 2:1 Mux/SPDT Switches
|
Analog Devices
|
SS-30 |
SPST High Isolation, BNC Equipped Wideband Switch.5-500 MHz
|
SIRENZA MICRODEVICES
|
EVAL-ADG902EB ADG902BRMZ1 ADG901BRMZ1 ADG901BCPZ-R |
Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
|
Analog Devices
|
HA7-2840883 FN3594 HA1-2840_883 HA1-2840883 HA7-28 |
From old datasheet system Very High Slew Rate Wideband Operational Amplifier Very High Slew Rate/ Wideband Operational Amplifier Very High Slew Rate,
Wideband Operational Amplifier(高转换率、宽带运算放大器) Very High Slew Rate, Wideband Operational Amplifier 甚高摆率,宽带运算放大器 Very High Slew Rate, Wideband Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, 500 MHz BAND WIDTH, CDIP14
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
BM6103FV-CE2 |
Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
|
Rohm
|
BM6104FV-C BM6104FV-CE2 |
Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
|
Rohm
|
INA-32063 INA-32063-BLK INA-32063-TR2 INA-32063-TR |
3.0千兆赫宽带硅射频放大器(3.0千兆赫宽频带硅射频集成电路放大器 3.0 GHz Wideband Silicon RFIC Amplifier(3.0 GHz 宽频带硅射频集成电路放大 3V Fixed Gain. Wideband Amplifier
|
Agilent(Hewlett-Packard)
|
BM60055FV-CE2 |
1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
|
Rohm
|
BM60051FV-CE2 BM60051FV-C-15 |
1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
|
Rohm
|
ZSWA-4-30DR |
Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-55 Switch High Isolation, SP4T, 50 DC to 3 GHz Switch High Isolation, SP4T, 50з DC to 3 GHz Switch High Isolation/ SP4T/ 50 DC to 3 GHz
|
开 MINI[Mini-Circuits]
|