PART |
Description |
Maker |
AD737 AD737AQ AD737BQ AD737JN AD737JR AD737JR-REEL |
Low Cost, Low Power, True RMS-to-DC Converter 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Low Cost/ Low Power/ True RMS-to-DC Converter Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
AD73322AST AD73322EB AD73322EZ EVAL-AD73322EZ AD73 |
Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End Low Power 10MHz Current Feedback Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Cost, Low Power CMOS General-Purpose Dual Analog Front End Dual Voiceband Codec; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, PDSO28
|
Analog Devices, Inc.
|
TC3405 TC3405VPE TC3405VQR |
The TC3405 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It performs 16-bit conversions (15-bit plus sign) at up to eight per second.Thedeviceis optimizedforuseas microcontroller pe 16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
|
MICROCHIP[Microchip Technology]
|
ATSAM3103 |
Versatile Low-power Audio DSP/Low-cost Effect DSP The ATSAM3103 is a member of the new ATSAM3000 family that uses DSP array technology. ... ATSAM3103 VERSATILE LOW-POWER AUDIO DSP/LOW-COST EFFECTS DSP From old datasheet system
|
ATMEL[ATMEL Corporation]
|
5962R0251002HXA 5962R0251002HXC 5962R0251002HZA 59 |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC to DC Converter DC至DC转换
|
Littelfuse, Inc.
|
5962-9311601MXX |
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switch 9位总线收发
|
TE Connectivity, Ltd.
|
AD8129 AD8130 AD8129ARM-REEL72 AD8130ARM-REEL72 AD |
Low-Cost 200MHz Differential Receiver Amplifier IC,DIFFERENTIAL AMPLIFIER,SINGLE,SOP,8PIN,PLASTIC From old datasheet system Low-Cost High-Speed Differential Receiver and Driver Low-Cost 270 MHz Differential Receiver Amplifiers 低成70 MHz的差分接收器放大 Low-Cost 270 MHz Differential Receiver Amplifiers SPECIALTY ANALOG CIRCUIT, PDSO8
|
AD[Analog Devices] adi Analog Devices, Inc.
|
DS52-0004 DS52-0004-TR DS52-0004-RTR |
1510-1660 MHz, Low cost two-way SMT power divider Low Cost Two-Way SMT Power Diveder 1510-1660MHz From old datasheet system
|
MA-Com MACOM[Tyco Electronics]
|
AD8034AR AD8034AR-REEL AD8034AR-REEL7 AD8034ART-RE |
Low Cost, 80 MHz FastFET Op Amps Very Low-Cost High-Speed FastFET™ Op Amps Low Cost, 80 MHz FastFET ?Op Amps Low Cost/ 80 MHz FastFET Op Amps Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO5 Low Cost, 80 MHz FastFET Op Amps OP-AMP, 3500 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc.
|
AK5355VT AK5355 |
LOW POWER 16BIT ADC ConsumerIC
16-bit AD 15dB Pre-amp, low-cost, low power
|
Asahi Kasei Microsystem... Asahi Kasei Microsystems Co.,Ltd AKM
|
HSMP-3860-BLK HSMP-3860-TR1 HSMP-3860-TR2 HSMP-386 |
Surface Mount PIN Diodes HSMP-386E · Low cost general purpose PIN diode HSMP-3862 · Low cost general purpose PIN diode HSMP-386C · Low cost general purpose PIN diode HSMP-386L · Low cost general purpose PIN diode HSMP-3863 · Low cost general purpose PIN diode HSMP-3864 · Low cost general purpose PIN diode HSMP-386B · Low cost general purpose PIN diode
|
Agilent(Hewlett-Packard... http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
X9116WM8-2.7 X9116WS8Z-2.7 X9116 X9116WM8 X9116WM8 |
Low Noise, Low Power, Low Cost 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 16 POSITIONS, PDSO8 Header Connector,Cable Mnt,PLUG,1 Contacts,PIN/SKT,0.264 Pitch,LATCH
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|