PART |
Description |
Maker |
AD8512ARMZ AD8510ARMZ-REEL AD8510BR AD8510ARZ AD85 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision, Very Low Noise, Low Input Bias Current
|
Analog Devices, Inc.
|
MAX6713Z MAX6713T MAX6713S MAX6713R MAX6713M MAX67 |
Microprocessor reset circuit with manual reset input. Reset threshold 2.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.38V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 4.63V. Output type active-low push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low open-drain reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-high push-pull reset. Microprocessor reset circuit with manual reset input. Reset threshold 2.93V. Output type active-low push-pull reset. 4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO4 8-Bit Shift Register 16-SOIC -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输 8-Bit Shift Register 16-PDIP -40 to 125 4引脚、SC70微处理器复位电路,带有手动复位输
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
TCD2255D |
The TCD2255D is a high sensitive and low dark current 2700 elements line CCD color image sensor which includes CCD drive circuit, clamp circuit and sample & hold circuit.
|
TOSHIBA
|
ADM8698 ADM8699 ADM8698AN ADM8698ARW ADM8699ARN AD |
µP Supervisory Circuit with 4.65V Threshold Voltage, Low Supply Current and Active Low Reset Output. Upgrade for ADM698; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 P Supervisory Circuit with Watchdog Feature, 4.65V Threshold Voltage, Low Supply Current and Active Low Reset Output. Upgrade for ADM699 bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 Dual Input Li-Ion Charger with Dynamic Power-Path Management, Output regulated to 6V, Vbat 4.2V 20-QFN -40 to 85 Dual Input Li-Ion Charger with Dynamic Power-Path Management, Output Regulated to 6V Battery 20-QFN -40 to 125 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDIP8
|
Analog Devices, Inc.
|
CA5420A CA5420AM FN1925 A5420A |
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers(0.5MHz????垫??靛????杈???垫?杩???惧ぇ?? 0.5MHz/ Low Supply Voltage/ Low Input Current BiMOS Operational Amplifiers From old datasheet system Op Amp, BiMOS, Low Supply Voltage, Low Input Current, 0.5MHz, V to 0V Supply Voltage
|
INTERSIL[Intersil Corporation]
|
LT1008 LT1008CH LT1008CN8 LT1008MH |
Picoamp Input Current,Microvolt Offset,Low Noise Op Amp 微小输入电流,伏失调,低噪声运算放大 Picoamp Input Current,Microvolt Offset,Low Noise Op Amp OP-AMP, 250 uV OFFSET-MAX, MBCY8 Picoamp Input Current,Microvolt Offset,Low Noise Op Amp OP-AMP, 320 uV OFFSET-MAX, MBCY8 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
VOS628A VOS628A-2T |
Optocoupler, Phototransistor Output, AC Input, Low Input Current, SSOP-4, Half Pitch, Mini-Flat Package
|
Vishay Siliconix
|
VOL628A-3X001T VOL628A-X001T |
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
|
Vishay Siliconix
|
AD8672ARM-R2 AD8672ARMZ-R2 AD8672ARMZ-REEL AD8674A |
Dual Precision Very Low Noise, Low Input Bias Current Operational Amplifier Quad Precision Very Low Noise, Low Input Bias Current, Operational Amplifier
|
Analog Devices
|
LT1012 LT1012A LT1012ACH LT1012ACN8 LT1012AMH LT10 |
Picoamp Input Current, Microvolt Offset, Low Noise Op Amp From old datasheet system Picoamp Input Current Microvolt Offset Low Noise Op Amp Picoamp Input Current, Microvlt Offset, Low Noise Op Amp
|
LINER[Linear Technology] Linear Technology Corporation
|
|