PART |
Description |
Maker |
ISL60007DIB825Z ISL60007CIB825Z |
Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Intersil, Corp.
|
MAX675 MAX675CPA MAX675CSA MAX675CTV MAX675EJA MAX |
30V N-Channel PowerTrench MOSFET 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 5V Precision Voltage Reference Precision, 5V Voltage Reference, Replaced MAX673
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1634 LT1634ACS8-1.25 LT1634ACS8-2.5 LT1634ACS8-4 |
Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PDSO8 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 4.096 V, PBCY3 Micropower Precision Shunt Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.25 V, PBCY3 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
REF02CP REF02CZ REF02DJ REF02AJ REF02Z REF02 REF-0 |
5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, MBCY8 5V Precision Voltage Reference/Temperature Trangsducer THREE TERM VOLTAGE REFERENCE, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, CDIP8 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 5V Precision Voltage Reference/Temperature Trangsducer 5V的高精度电压基准/温度Trangsducer 5V Precision Voltage Reference/Temperature Trangsducer 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 5V Precision Voltage Reference/Temperature Trangsducer
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
LT6656ACS6-1.25 LT6656ACS6-1.25PBF LT6656ACS6-1.25 |
1楼矛A Precision Series Voltage Reference 1渭A Precision Series Voltage Reference 1μA Precision Series Voltage Reference TWO TERM VOLTAGE REFERENCE, PDSO6 1μA Precision Series Voltage Reference
|
LINEAR TECHNOLOGY CORP
|
LT1236 LT1236-10 LT1236-5 LT1236AC LT1236ACN8-10 L |
Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDIP8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AP432AL-7 AP432L-13 AP432L-7 AP432L-A AP432L-B AP4 |
ADJUSTABLE PRECISION SHUNT REGULATOR ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO8 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, BCY3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 ADJUSTABLE PRECISION SHUNT REGULATOR 可调节精密并联稳压器
|
Diodes, Inc. 稳压 Diodes Inc. DIODES[Diodes Incorporated] http://
|
ISL21009BMB841EP ISL21009CMB850EP ISL21009BMB850EP |
High Voltage Input Precision, Low Noise FGA™ Voltage References; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R THREE TERM VOLTAGE REFERENCE, PDSO8 High Voltage Input Precision, Low Noise FGA Voltage References
|
Intersil, Corp. Intersil Corporation
|
CS4121 CS4121EDWF20 CS4121EDWFR20 CS4121ENF16 |
Low Voltage Precision Air-Core Low Voltage Precision Air-Core Low Voltage Precision Air-Core Tach/Speedo Driver
|
http:// CHERRY[Cherry Semiconductor Corporation]
|
MAX6331 MAX6330 1863 MAX6331_UR-T MAX6330_UR-T MAX |
Precision shunt regulator with reset. Reset threshold 4.63V, shunt regulator voltage 5.0V 1.45-W Mono Class-D Audio Amplifier with 1.8V Compatible Shutdown Voltage (TPA2006) 8-SON -40 to 85 Precision Shunt Regulators with Reset in SOT23-3 From old datasheet system
|
Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
AS7C331MPFD32A-36A_V1.1 AS7C331MPFD36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 36 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.8 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|