PART |
Description |
Maker |
ENA1198 SCH2408 |
350 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel Silicon MOSFET General-Purpose Switching Device Applications
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
SUP65P06-20 SUB65P06-20 |
From old datasheet system P-Channel Enhancement-Mode Trans P-Channel 60-V (D-S), 175C MOSFET TRANSISTOR,MOSFET,P-CHANNEL,60V V(BR)DSS,65A I(D),TO-220AB P-Channel MOSFET 30V N-Channel PowerTrench MOSFET
|
VISAY[Vishay Siliconix] Vishay Intertechnology Inc Vishay Intertechnology,Inc.
|
3SK231 3SK231U1C 3SK231U1D |
N-Channel Silicon Dual-Gate MOSFET(应用于RF放大器的N沟道双门MOSFET) 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit TRANSISTOR | MOSFET | N-CHANNEL | 18V V(BR)DSS | 25MA I(D) | SOT-143R
|
NEC Corp.
|
FDA24N50 |
500V N-Channel MOSFET N-Channel MOSFET; Package: TO-3PN; No of Pins: 3; Container: Rail 24 A, 500 V, 0.19 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 500V, 24A, 0.19ヘ N-Channel MOSFET 500V, 24A, 0.19Ω
|
Fairchild Semiconductor, Corp.
|
2SK3608-01L 2SK3608-S 2SK3608-SJ 2SK3608 |
N-CHANNEL SILICON POWER MOSFET N-CHANNEL SILICON POWER MOSFET 18 A, 200 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
FDS6961AZ FDS6961AZL86Z FDS6961AZL99Z |
3.5 A, 30 V, 0.09 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET SO-8 TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 3.5A I(D) | SO Dual N-Channel Logic Level PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
FDP100N10 |
N-Channel PowerTrenchMOSFET 75 A, 100 V, 0.01 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench㈢ MOSFET N-Channel PowerTrench? MOSFET
|
Fairchild Semiconductor, Corp.
|
SCH2807 |
MOSFET : N-Channel Silicon MOSFET SBD : Schottky Barrier Diode
|
Sanyo Semicon Device
|
CPH5852 |
MOSFET : P-Channel Silicon MOSFET SBD : Schottky Barrier Diode
|
Sanyo Semicon Device
|
|