PART |
Description |
Maker |
SMAJ110CA-TP SMAJ14A-TP SMAJ43CA-TP MICROCOMMERCIA |
TVS 400W 110V BIDIRECT SMA 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 14V UNIDIRECT SMA 400 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 43V BIDIRECT SMA 400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC TVS 400W 100V BIDIRECT SMA TVS 400W 20V BIDIRECT SMA
|
Micro Commercial Components, Corp.
|
WM9703CFT/V |
TVS BIDIRECT 400W 22V SMA AC97 Revision 2.1 Audio Codec
|
编、解码器及复用、解复用 Wolfson Microelectronics plc
|
VDSL6100I |
TVS 400W 45V UNIDIRECT SMA Integrated LR EoVDSL Modem-on-Chip
|
INFINEON[Infineon Technologies AG]
|
ICE3A0565Z ICE3B1565 ICE3A3565I ICE3B5065I |
Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 离线式开关电源电流模式控制器,集成了650V启动单元/的CoolMOS TVS UNIDIRECT 400W 11V SMA
|
Infineon Technologies AG
|
P4KE11 P4KE6.8A P4KE68 P4KE56A P4KE24 P4KE68A P4KE |
400W Peak Power / 1.0W Steady State 400W Peak Power TVS
|
SeCoS Halbleitertechnologie GmbH
|
NX8503CG-CC NX8503BG-CC NX8503CG NX8503BG |
TVS BIDIRECT 1500W 14V SMC NECs 1550 nm InGaAsP MQW DFB LASER DIODE
|
NEC Corp. NEC[NEC] http://
|
PJSD0505 |
400W LOW CLAMPING VOLTAGE SINGLE TVS FOR PROTECTION
|
Pan Jit International Inc.
|
NS6A13AT3G |
600 Watt Peak Power Zener Transient Voltage Suppressor Unidirectional TVS SMA 600W 13V TVS DIODE
|
Rectron Semiconductor
|
SMAJ5926B-TP SMAJ5934B-TP SMAJ5935B-TP SMAJ5925B-T |
DIODE ZENER 1.5W 11V SMA 11 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 24V SMA 24 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 27V SMA 27 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 10V SMA 10 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 16V SMA 16 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 6.2V SMA 6.2 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 15V SMA 15 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 18V SMA 18 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 12V SMA 12 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AC DIODE ZENER 1.5W 43V SMA
|
Micro Commercial Components, Corp.
|
R1J-400I1H2A0 |
400W 400W Redundant Power Supply
|
List of Unclassifed Man...
|
HIF3BB-64D-2.54R-CL_21 HIF3BA-50D-2.54R-CL_21 HIF3 |
16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC, SOCKET Cover (HIF3B Series) against EMI (Electromagnetic Interference) DIODE ZENER SINGLE 1000mW 24Vz 25mA-Izt 0.05 0.5uA-Ir 18.2 SMA 5K/REEL DIODE ZENER SINGLE 1000mW 16Vz 25mA-Izt 0.05 0.5uA-Ir 12.2 SMA 5K/REEL DIODE SMA 400W/40A 100V TRANSIENT VOLTAGE SUPPRESSOT DIODE ZENER SINGLE 1000mW 6.8Vz 100mA-Izt 0.05 5uA-Ir 4 SMA 5K/REEL DIODE, ZENER, SMAZ9V1, 9.1V, DIOSMA Cover (HIF3B Series) against EMI (Electromagnetic Interference) 封面(HIF3B系列)对EMI(电磁干扰)
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|