PART |
Description |
Maker |
WEDPN8M72V-133BC |
8Mx72 High-speed CMOS,Synchronous DRAM(8M x 72高速CMOS同步动态RAM) 8Mx72高速CMOS,同步DRAM米72高速的CMOS同步动态RAM)的 8Mx72 High-speed CMOS,Synchronous DRAM(8M x 72楂??CMOS????ㄦ?RAM)
|
Hanbit Electronics Co., Ltd.
|
HYB39S64160AT HYB39S64160BT HYB39S64160BT-7 |
64M SDRAM Component 4M x 16 MBit Synchronous DRAM for High Speed Graphics Applications(64M4× 1M× 16)同步动态RAM(用于高速图形场合)) 4M x 16 MBit Synchronous DRAM for High Speed Graphics Applications(64M4M x 16)同步动态RAM(用于高速图形场合))
|
Infineon SIEMENS AG
|
IDT70T3589S-200DRI IDT70T3589S-133BF IDT70T3589S-1 |
HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 15 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 2.5V56/128/64K × 36 SYNCHRONOU S双,端口静态RAM.5V的接 HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 36 DUAL-PORT SRAM, 12 ns, PBGA256
|
Integrated Device Technology, Inc.
|
MAX1716 MAX1716EEG MAX1716-MAX1855 MAX1854 MAX1854 |
High-Speed / Adjustable / Synchronous Step-Down Controllers with Integrated Voltage Positioning High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning " High-Speed, Digitally Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
IDT70V7319S IDT70V7319S200DDI IDT70V7319S133BC IDT |
HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|
W25P240A W25P240A-6 W25P240A-6A W25P240AF-6 W25P24 |
From old datasheet system 64K X 64 BURST PIPELINED HIGH-SPEED CMOS STATIC RAM 64K*32 high speed, low power synchronous-burst pipelined CMOS static RAM
|
Winbond Electronics Corp WINBOND[Winbond]
|
HCPL-901J HCPL-900J HCPL-9031 HCPL-902J HCPL-9030 |
SPECIAL HCPL-0931 · High Speed Digital Isolator HCPL-0930 · High Speed Digital Isolator HCPL-092J · High Speed Digital Isolator HCPL-091J · High Speed Digital Isolator HCPL-090J · High Speed Digital Isolator HCPL-0900 · High Speed Digital Isolator HCPL-9000 · High Speed Digital Isolator HCPL-9030 · High Speed Digital Isolator HCPL-902J · High Speed Digital Isolator HCPL-9031 · High Speed Digital Isolator HCPL-900J · High Speed Digital Isolator HCPL-901J · High Speed Digital Isolator
|
Agilent (Hewlett-Packard)
|
ATV2500BQL-30KM/883 ATV2500BBQBQL |
High-speed High-density UV-erasable Programmable Logic Device(高速高密度紫外线可擦除PLD) ATV2500B(BQ)(BQL) [Updated 5/00. 21 Pages] 2500 gate high-speed CPLD. standard & low power. 40 & 44 pins offered in Military Temp Grade only.
|
聚兴科技股份有限公司 Atmel Corp.
|
MCP19035 |
High Speed ???Synchronous Buck Controller
|
Microchip Technology Inc.
|
50S116T 50S116T-5 50S116T-6 50S116T-7 |
High-speed synchronous dynamic random access memory (SDRAM), organized as 512K words x 2 banks x 16 bits. Speed (CL = 3) 143MHz. Self refresh current (max) 1mA High-speed synchronous dynamic random access memory (SDRAM), organized as 512K words x 2 banks x 16 bits. Speed (CL = 3) 166MHz. Self refresh current (max) 1mA High-speed synchronous dynamic random access memory (SDRAM), organized as 512K words x 2 banks x 16 bits. Speed (CL = 3) 200MHz. Self refresh current (max) 1mA SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
|
CERAMATE TECHNOLOGY CO., LTD.
|
LTC4442 LTC4442-1 LTC4442EMS8E-1-PBF LTC4442EMS8E- |
High Speed Synchronous N-Channel MOSFET Drivers
|
Linear Technology
|
AT49LD3200B AT49LD3200-13TC AT49LD3200 AT49LD3200- |
32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
|
ATMEL[ATMEL Corporation]
|