PART |
Description |
Maker |
MR31ZD40 |
ST31 Dual Interface Secure Microcontroller with 40Bytes of EEPROM, enhanced security, Nescrypt cryptoprocessor and MIFAREA
|
ST Microelectronics
|
M58LT128HSB8ZA6 M58LT128HSB8ZA6E M58LT128HSB8ZA6F |
128 Mbit (8 Mb 】16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
|
Numonyx B.V
|
AT945 AT94S40AL-25DGI AT94S05 AT94S05AL AT94S05AL- |
Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K05AL FPSLIC device and a secure configuration EEPROM in a single 256-pin CABGA package. Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller/ up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM The Secure FPSLIC combines our AT94K10AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144LQ) package. The Secure FPSLIC combines our AT94K40AL FPSLIC device and a secure configuration EEPROM in a single (256 BGA and 144 LQ) package.
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
AD80081X AD9882 AD9882/PCB AD9882KST-100 AD9882-15 |
Low Cost, Dual Interface Solution For Flat Panel Displays Dual Interface for Flat Panel Displays 双接口的平板显示 Dual Interface for Flat Panel Displays SPECIALTY CONSUMER CIRCUIT, PQFP100
|
Analog Devices, Inc.
|
AT91SC25672RC |
Low-power, high-performance, 32-bit RISC secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. 32-bit Secure Microcontroller for Smart Cards A
|
ATMEL[ATMEL Corporation]
|
CAT5419 CAT5269B-00TE13 CAT5269B-10TE13 CAT5269B-2 |
64-Tap Dual DPP, 2-wire Interface From old datasheet system DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 DUAL 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 DUAL 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 LEAD AND HALOGEN FREE, TSSOP-24 Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface 双数字可编程电位计(民进党)4个龙头和2线接
|
CATALYST[Catalyst Semiconductor] ON Semiconductor HIROSE ELECTRIC Co., Ltd. Belden, Inc. 3M Company Micro Commercial Components, Corp. Mimix Broadband, Inc.
|
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
CAT5221WI-00 CAT5221WI-10 CAT5221WI-25 CAT5221WI-5 |
DPP, NV, Quad 64 taps, I<sup>2</sup>C DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 DPP, NV, Quad 64 taps, I<sup>2</sup>C DUAL 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO20 Dual Digitally Programmable Potentiometer (DPP⑩) with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP垄芒) with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface Dual Digitally Programmable Potentiometer (DPP? with 64 Taps and I2C Interface
|
ON Semiconductor Catalyst Semiconductor http://
|
NCN6804MNR2G NCN6804 |
Dual Smart Card Interface IC with SPI Programming Interface
|
ONSEMI[ON Semiconductor]
|
IRF054SMD |
N-Channel Power MOSFET(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)(N沟道功率MOS场效应管(Vdss:60V,Id(cont):45A,Rds(on):0.027Ω)) N沟道功率MOSFET(减振钢板基本:60V的,身份证(续)5A条,的Rds(on):0.027Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本0V的,身份证(续)5A条,的Rds(on.027Ω))
|
SemeLAB Seme LAB International Rectifier http://
|
NCN6004A NCN6004AFTBR2 |
Dual SAM/SIM Interface/Power Supply Circuit for Secured Access Module Reader/Writer Applications Dual SAM/SIM Interface Integrated Circuit
|
ONSEMI[ON Semiconductor]
|