PART |
Description |
Maker |
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MMC4025 MMC4001 MMC4002 MMC4000 |
Quad 2-input NOR gate Dual 4-input NOR gate Dual 3-input NOR gate plus inverter Triple 3-input NOR gate NOR GATES COMPLEMENTARY MOS INTEGRATED CIRCUITS
|
Microelectronica Micro Electronics
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MC10H016FNG MC10H016FN MC10H01606 MC10H100MG MC10H |
4?Bit Binary Counter 4−Bit Binary Counter Quad 2?Input NOR Gate With Strobe Quad OR/NOR Gate Quad 2?Input OR Gate Quad 2?Input AND Gate Triple 2?3?2?Input OR/NOR Gate Triple 4?3?3?Input NOR Gate Triple 2?Input Exclusive OR/Exclusive NOR Gate Dual 4?5?Input OR/NOR Gate Quad Exclusive OR Gate
|
ONSEMI[ON Semiconductor]
|
74LS173SC 74LS133SC 74LS14PC 74LS04PC 74LS15PC 74L |
Single 13-input NAND Gate CERAMIC CHIP/MIL-PRF-55681 Triple 3-input AND Gate Synchronous Up/Down Counter 同步减计数器 Quad 2-input NOR Gate 输入或非 Hex D-Type Flip-Flop 六角D型触发器 Quad D-Type Flip-Flop 四D型触发器 2-To-4-Line Demultiplexer 2线复用器 Triple 3-input NAND Gate 输入与非 Quad 2-input NAND Gate 输入与非 4-Bit Buffer/Driver
|
Rochester Electronics, LLC NXP Semiconductors N.V.
|
74HC08 74HC08DR2G 74HC08DTR2G 74HC08.REV1 |
74HC08 Data Sheet Quad 2-Input AND Gate; Package: TSSOP-14; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-Input AND Gate; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 HC/UH SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2−Input AND Gate High−Performance Silicon−Gate CMOS
|
ON Semiconductor
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
GD4001B |
(GD4001B / GD4002B) Quad 2-Input NOR Gate / Dual 4-Input NOR Gate
|
Hynix Semiconductor
|
MC74LVX08DTR2 |
Quad 2-Input NAND Gate With 5 V−Tolerant Inputs LV/LV-A/LVX/H SERIES, QUAD 2-INPUT AND GATE, PDSO14
|
ON Semiconductor
|