PART |
Description |
Maker |
IS61VPS12836A-250B3I |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM 128K X 36 CACHE SRAM, 2.6 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
GS84032T-166 GS84032B-100 GS84032B-166 GS84032B-15 |
128K X 32 CACHE SRAM, 8 ns, PBGA119 4Mb56K x 18Bit) Synchronous Burst SRAM(4M位(256K x 18位)同步静态RAM(带2位脉冲地址计数器)) 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
|
GSI Technology
|
IDT71V3558SA133PFGI IDT71V3558SA100BGG IDT71V3558S |
3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/3.3V I/O 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O/ Burst Counter Pipelined Outputs 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PQFP100 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.3V的I / O的脉冲计数器输出流水 TV 6C 6#12 SKT WALL RECP Circular Connector; No. of Contacts:41; Series:D38999; Body Material:Metal; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
IDT Integrated Device Technology, Inc.
|
IDT71V2548S133PF IDT71V2548S133BGI IDT71V2548SA133 |
128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 4.2 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 18 ZBT SRAM, 3.8 ns, PQFP100 25V N-Channel PowerTrench MOSFET; Package: TO-251(IPAK); No of Pins: 3; Container: Rail 128K的3656 × 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K X 36 ZBT SRAM, 5 ns, PBGA165 128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 128K的36256 × 18 3.3同步ZBT SRAM2.5VI / O的脉冲计数器输出流水 128K x 36/ 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 3.3V 256K x 18 ZBT Synchronous PipeLined SRAM w/2.5V I/O 3.3V 128Kx36 ZBT Synchronous PipeLined SRAM with 2.5V I/O
|
Integrated Device Technology, Inc. IDT
|
E28F002BX-B80 E28F002BX-T60 E28F002BX-T80 E28F002B |
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller 28F200BX - B 2兆位28K的1656K × 8)启动块闪存系列 ACTUATOR, SWITCH, ROUND, LATCH; Approval Bodies:BEAB, VDE, UL, CSA; Diameter, external:29mm; IP rating:65; Operations, mechanical No. of:100000; Temp, op. max:85(degree C); Temp, op. min:-20(degree C) RoHS Compliant: Yes 28F002BX-B - 2-MBIT (128K x 16. 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16 / 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY 2-MBIT (128K x 16/ 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel, Corp. PROM Intel Corp. Intel Corporation
|
CY7C0833AV CY7C0833AV-100BBC CY7C0833AV-100BBI CY7 |
FLEx18⑩ 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor
|
IS61LF12832A IS61LF12832A-6.5B2 IS61LF12832A-6.5B3 |
128K X 32, 128K X 36, 256K X 18 4 MB SYNCHRONOUS FLOW-THROUGH STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS61VF25618A-6.5TQ IS61VF25618A-6.5B3 IS61VF12836A |
128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PQFP100 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 256K X 18 CACHE SRAM, 6.5 ns, PBGA165 128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 128K X 36 CACHE SRAM, 7.5 ns, PQFP100
|
Integrated Silicon Solution, Inc.
|
IDT71V2577YS75BQI IDT71V2577YS75BGI IDT71V2579S85B |
128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 8 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K的x 36256亩18 3.3同步SRAM.5VI / O的流量通过输出脉冲计数器,单周期取 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 8.5 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 7.5 ns, PQFP100 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 128K X 36 CACHE SRAM, 7.5 ns, PBGA119 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 256K X 18 CACHE SRAM, 7.5 ns, PBGA119 128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect 256K X 18 CACHE SRAM, 8 ns, PBGA165
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IS61VPS12836A IS64LPS25618A |
128K x 32 / 128K x 36- 256K x 18 4Mb SYNCHRONOUS PIPELINED / SINGLE CYCLE DESELECT STATIC RAM 128K x 32/ 128K x 36/ 256K x 18 4 Mb SYNCHRONOUS PIPELINED SINGLE CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution
|
CY7C0853V-133BBXI CY7C0852AV-167AXC CY7C0851AV-133 |
FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM; Density: 9 Mb; Organization: 256Kb x 36; Vcc (V): 3.0 to 3.6 V; Speed: 133 MHz 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 128K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 64K X 36 DUAL-PORT SRAM, 4 ns, PQFP176 FLEx36™ 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM 256K X 36 DUAL-PORT SRAM, 4.7 ns, PBGA172
|
Cypress Semiconductor, Corp.
|
MX27C1000A MX27C1000AMC-10 MX27C1000AMC-12 MX27C10 |
1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PQCC32 1M-BIT [128K x 8] CMOS EPROM 128K X 8 OTPROM, 90 ns, PDIP32 Single Output LDO, 3.0A, Fixed(1.5V), Fast Transient Response, Low Quiescent Current 5-DDPAK/TO-263 -40 to 125
|
Macronix International Co., Ltd. MCNIX[Macronix International]
|
|