PART |
Description |
Maker |
MT8870D-1 |
Integrated DTMF Receiver(完全双音多频信号(DTMF)接收器(集成了滤波器和数字译码器功能))
|
Mitel Networks Corporation
|
LC73701M 1646 LC72701M |
TELEPHONE DIALER CKT, PDSO18 From old datasheet system CMOS LSI DTMF/PULSE Output Serial Interface Dialler(DTMF/PULSE输出模式串行接口拨号 双音多频/脉冲输出串行接口拨号器(双音多频/脉冲输出模式串行接口拨号器)
|
Sanyo Semicon Device Sanyo Electric Co., Ltd.
|
M-8870 M-8870-01 M-8870-01SM M-8870-01SMTR M-8870- |
DTMF Receiver TELECOM, DTMF SIGNALING CIRCUIT, PDSO18 CONNECTOR
|
CLARE[Clare, Inc.] Clare Inc
|
M-8888 M-8888-01 M-8888-01P M-8888-01SM M-8888-01T |
DTMF Transceiver TELECOM, DTMF SIGNALING CIRCUIT, PDSO20
|
CLARE[Clare, Inc.] Clare Inc
|
MT3170BE |
DTMF RECEIVER,CMOS,DIP,8PIN,PLASTIC From old datasheet system
|
Zarlink Semiconductor
|
MT8889C MT8889CC MT8889CC-1 MT8889CE MT8889CE-1 MT |
6V; 10mA; integrated DTMF transceiver with adaptive micro interface. For paging systems, repeater systems/mobile radio, credit card systems, personal computers, interconnect dialers Integrated DTMFTransceiver with Adaptive Micro Interface
|
MITEL[Mitel Networks Corporation] Mitel Semiconductor
|
27C128 10003K 27LC128-12EL 27LC128-12EP 27LC128-12 |
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier x8存储 Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs x8存储 Evaluation Kit for the MAX3766 x8存储 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers x8存储 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers x8存储 LED BLUE 430NM 100MCD 3MM 128K的(16K的8)的CMOS存储 128K (16K x 8) CMOS EPROM 128K的(16K的8)的CMOS存储 MAX3812 Evaluation Kit x8存储 Evaluation Kit for the MAX3804 Precision, Low-Voltage, SPST CMOS Analog Switch Evaluation Kit for the MAX3822 LED HI EFF RED DIFF 0805 SMD Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs LED YELLOW DIFF 1206 SMD LED GREEN DIFF 0805 SMD x8 EPROM Evaluation Kit for the MAX3802 Evaluation Kit for the MAX3803 From old datasheet system 128K (16x8)CMOS EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
STV9302A -STV9302A |
VERTICAL DEFLECTION IC, PZFM7 VERTICAL DEFLECTION OUTPUT FOR MONITOR / TV 2 App / 60 V WITH FLYBACK GENERATOR VERTICAL DEFLECTION BOOSTER FOR 2 APP MONITOR/TV APPLICATIONS WITH 70 V FLYBACK GENERATOR
|
STMICROELECTRONICS ST Microelectronics
|
BU8872 BU8872FS A5800617 BU8872FS-E2 BU8872/FS BU8 |
Communications LSIs > ICs for telephone > DTMF receiver Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package From old datasheet system DTMF receiver for telephones BU8872 / BU8872FS
|
Rohm CO.,LTD. ROHM[Rohm]
|
25C040-P 25AA040-P 25LC040-P 25C040X-ST 25C040IN 2 |
Evaluation Kit for the MAX1748, MAX1779 Evaluation Kit for the MAX16803 Evaluation Kit for the MAX1760 High-Voltage, Step-Down DC-DC Controller in µMAX 500mA Low-Dropout Linear Regulator in UCSP Industry-Standard, 12-Bit ADC with Reference Evaluation Kit for the MAX1757, MAX1758 60mA, SOT23 Inverting Charge Pump with Shutdown Evaluation Kit for the MAX1700, MAX1701 125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters Evaluation Kit for the MAX1684, MAX1685 Evaluation Kit for the MAX1698 Evaluation Kit for the MAX1692 Evaluation Kit for the MAX1703 Evaluation Kit for the MAX1820, MAX1821 Complete, 100ksps, 8-Channel, 12-Bit Data Acquisition Systems SPI串行EEPROM High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver SPI串行EEPROM Evaluation Kit for the MAX1744, MAX1745 SPI串行EEPROM SPI Serial EEPROM SPI串行EEPROM
|
Microchip Technology, Inc.
|
27C256RPDS-30 27C256RPFE-15 27C256RPFE-17 27C256RP |
Video Op Amp Evaluation Kit for the MAX3996 Evaluation Kit for the MAX4060 Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switch Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps Evaluation Kit for the MAX4063 Single, Dual, Quad, 1.2µA Max, Single-Supply Op Amps Evaluation Kit for the MAX4000, MAX4001, MAX4002 x8存储 x8 EPROM x8存储 Precision Video Buffer Amplifier x8存储 Ultra-Low Offset Voltage Operational Amplifier x8存储
|
Atmel, Corp. HIROSE ELECTRIC Co., Ltd. Ecliptek, Corp. Vishay Intertechnology, Inc. Superior Electric
|