PART |
Description |
Maker |
SB16-100A-SMD SB16-100R-SMD SB16-100SMD SB16-100M- |
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI-REL APPLICATIONS Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Cathode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阴极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Common Anode)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,共阳极连) Dual Schottky Barrier Diode In a SMD1 Ceramic Surface Mount Package For HI-REL Application(Series Connection)(双肖特基势垒二极HI-REL应用,SMD1陶瓷表贴封装,串行连接)) DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HIREL APPLICATIONS DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS 16 A, 100 V, SILICON, RECTIFIER DIODE
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Semelab(Magnatec) TT electronics Semelab, Ltd.
|
M37905M6C-XXXSP M37905M8C-XXXSP M37905M6C-XXXFP |
DIO, BAT54C, DUAL SHOTTKEY, COMMON CATHODE, SOT23 DIODE SCHOTTKY DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-23 3K/REEL DIODE SCHOTTKY DUAL-DUAL SERIES 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL
|
Mitsubishi Electric Corporation
|
09-0332-00-12 09-0330-00-08 09-0340-00-16 09-0320- |
EINBAUDOSE LOETANSCHLUSS 680 16POL EINBAUDOSE LOETANSCHLUSS 680 5S POL EINBAUSTECKER LOETANSCHLUSS 680 12POL EINBAUDOSE LOETANSCHLUSS 680 8POL SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits KUPPLUNG SERIE 680 5S POL EINBAUSTECKER LOETANSCHLUSS 680 7POL EINBAUDOSE LOETANSCHLUSS 680 2POL STECKER SERIE 680 7POL EINBAUSTECKER LOETANSCHLUSS 680 16POL EINBAUSTECKER LOETANSCHLUSS 680 6POL STECKER SERIE 680 12POL KUPPLUNG SERIE 680 7POL STECKER SERIE 680 5S POL SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits KUPPLUNG系列680 8POL EINBAUSTECKER LOETANSCHLUSS 680 5S POL EINBAUSTECKER LOETANSCHLUSS油料680 5 EINBAUDOSE LOETANSCHLUSS 680 12POL EINBAUDOSE LOETANSCHLUSS 680 12POL KUPPLUNG SERIE 680 12POL KUPPLUNG系列680 12POL EINBAUDOSE LOETANSCHLUSS 680 4POL EINBAUDOSE LOETANSCHLUSS 680 4POL EINBAUDOSE LOETANSCHLUSS 680 7POL
|
TE Connectivity, Ltd. ITT, Corp.
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MMBD7000 MMBD7000-TP |
225mW 100Volt Dual Switching Diode DIODE SW DUAL 100V 150MA SOT23 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BAS40-04LT1 ON0119 |
Dual Series Schottky Diode(高速开关应用,-0.50V正向电压,反向电0V的双肖特基势垒二极管) From old datasheet system SCHOTTKY BARRIER DIODES
|
Motorola, Inc. ON Semiconductor
|
5082-2277 |
SCHOTTKY BARRIER DUAL DIODE SILICON, MEDIUM BARRIER SCHOTTKY, S-C BAND, MIXER DIODE
|
ASI Advanced Semiconductor, Inc.
|
72V85L15PAG 72V81L15PAGI 72V81L20PAGI 72V82L15PAGI |
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
|
Integrated Device Technology
|
BAT54STA |
DIODE SCHOTTKY DUAL SOT-23 0.2 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
Zetex Semiconductor PLC
|
RBQ2007 RJ1006 RJ1006U RJ0805U RJ0806LU RJ0806HU R |
Serie RBQ/RBQC Serie RJ
|
SMC
|
SB16-45RM SB16-40AM SB16-40M SB16-40RM SB16-45AM S |
DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI-REL APPLICATIONS 16 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AB
|
SEMELAB LTD TT electronics Semelab, Ltd. TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
554 555 553 |
BIEGEWERKZEUG SERIE TP MAX 32MM BIEGEWERKZEUG SERIE TP MAX 16MM BIEGEWERKZEUG SERIE TP MAX 30MM BIEGEWERKZEUG意甲大埔最0毫米
|
Advanced Interconnections, Corp.
|