PART |
Description |
Maker |
SR-5F-1A-AP SR-5F-3.15A-AP SR-5F-8A-AP SR-5F-6.3A- |
PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 3.15A, 250VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 50A (IR), THROUGH HOLE PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk FAST BLOW ELECTRIC FUSE, 2A, 250VAC, 50A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 50A (IR), THROUGH HOLE
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
0272.002V |
Fuse 0.2A 125V SUBMINIATURE
|
Littelfuse, Inc.
|
20400609 2040.0816 2040.0817 2040.0820 2040.0814 2 |
Subminiature Fuse, 8.5 mm, Time-Lag T, Telecom
|
Schurter Inc.
|
225125 225100 25508080001 239250P 250R120 229350 2 |
2AG Fast-Acting Fuse Insulating Nuts for CF8 Fuse 5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse POLYFUSE Resettable PTCs Radial Leaded 2AG Slo-Blo Fuse Battery Clamp for CF8 Fuse Rated 58V SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
|
AZDISPLAYS LITTELFUSE[Littelfuse]
|
0034.7303 0034.7304 0034.7305 0034.7306 0034.7307 |
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, cULus
|
Schurter Inc.
|
ATS-56007-C4-R012 |
maxiFLOW Heat Sink, NO TIM, BLACK-ANODIZED
|
Advanced Thermal Solutions, Inc.
|
ATS-56004-C4-R012 |
maxiFLOW Heat Sink, NO TIM, BLACK-ANODIZED
|
Advanced Thermal Solutions, Inc.
|
FWH-500A COOPERINDUSTRIES-FWH-225A |
Semiconductor Fuse; Current Rating:500A; Voltage Rating:500V; Fuse Size/Group:1.5 x 2.09 "; Fuse Type:Fast Acting; Fuse Terminals:Blade; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:FWH RoHS Compliant: No
|
COOPER INDUSTRIES
|
00346000 0034.6000 0034.6001 0034.6002 0034.6003 0 |
Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
|
Schurter Inc.
|
20302.5 203 203.250 203.500 203.750 203001 203002 |
MB 39C 37#20 2#16 SKT RECP Surface Mount Fuses - Subminiature Surface Mount & Dip Types Surface Mount Fuse - Subminiature Surface Mount & Dip Types
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
8020.0507.PT 8020.0517.PT 8020.0515.PT |
Subminiature Fuse, 3.6 x 10 mm, Time-lag T, 250 VAC
|
Schurter Inc.
|