PART |
Description |
Maker |
X28HC64TMB-90 X28HC64 X28HC64DI-12 X28HC64DI-70 X2 |
5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 120 ns, CDFP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CQCC32 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CPGA28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, CDFP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 8K X 8 EEPROM 5V, 90 ns, PDIP28
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
X28HC64J-12 X28HC64E-12 X28HC64E-50 X28HC64JM-50 X |
5 Volt, Byte Alterable E2PROM 5伏,可变E2PROM的字 USB LICENSING DONGLE 5 Volt/ Byte Alterable E2PROM OSCILLATOR,50.000 MHZ,100PPM
|
http:// Intersil, Corp. Linear Technology, Corp. Electronic Theatre Controls, Inc. Future Designs, Inc. Xicor Inc.
|
X28HC256PI X28HC256DI-15C7871 |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-CerDIP 32K X 8 EEPROM 5V, 150 ns, PDSO28
|
Intersil, Corp.
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
X2816C X2816CE-12 X2816CE-15 X2816CE-20 X2816CE-90 |
5 Volt/ Byte Alterable E2PROM 5 Volt, Byte Alterable E2PROM THYRISTOR MODULE,BRIDGE,HALF-CNTLD,600V V(RRM) Power Module
|
XICOR[Xicor Inc.]
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
AT49LV4096A AT49BV4096A AT49LV4096A-70C5I |
256K X 16 FLASH 2.7V PROM, 70 ns, PBGA48 4M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 4M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot
|
ATMEL CORP
|
XM28C020-25 XM28C020M-12 XM28C020I-12 XM28C020-12 |
5 Volt, Byte Alterable E2PROM 5伏,可变E2PROM的字 5 Volt/ Byte Alterable E2PROM
|
Macronix International Co., Ltd. Xicor Inc.
|
X28C010FI-20 X28C010FMB-15C7808 X28C010FMB-15C7619 |
CAP 6.8PF 100V .10 PF NP0(C0G) SMD-0603 TR-7 PLATED-NI/SN Controller IC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Controller IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Reel Quantity:2500 5 Volt, Byte Alterable EEPROM 128K X 8 EEPROM 5V, 120 ns, CDIP32 CAP 6.8PF 100V .25 PF NP0(C0G) SMD-0603 TR-13 PLATED-NI/SN 128K X 8 EEPROM 5V, 250 ns, CDFP32 5 Volt, Byte Alterable EEPROM 128K X 8 EEPROM 5V, 250 ns, CPGA36 5 Volt, Byte Alterable EEPROM 128K X 8 EEPROM 5V, 200 ns, CDSO32
|
Intersil Corporation PROM Intersil, Corp.
|
X28C010 X28C010D-12 X28C010D-15 X28C010D-20 X28C01 |
5 Volt, Byte Alterable E2PROM 5 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
|