PART |
Description |
Maker |
V4N681-B-10 V4N150-B-10 V4N151-B-10 V4N272-B-10 V4 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics http://
|
V4N121-B-10 V4N332-B-10 V4N680-B-10 V4N560-B-10 V4 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
V2N330-B-10 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
V3N121-B-10 V3N680-B-10 V3N560-B-10 V3N820-B-10 V3 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
V7X394-B-10 V7X334-B-10 V7X684-B-10 V7X124-B-10 V7 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
V3N150-B-10 |
HIGH VOLTAGE CHIP CAPACITORS
|
Superworld Electronics
|
JE10 JE1046ZTL2R JE10112HL1 JE10112HL1R JE10112HL2 |
Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 1.1pF; Voltage: 100V; Tolerance: ±0.25pF; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 10pF; Voltage: 100V; Tolerance: ±10%; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 10pF; Voltage: 100V; Tolerance: ±10%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 100V; Tolerance: ±5%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 100V; Tolerance: ±5%; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 50V; Tolerance: ±1%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 50V; Tolerance: ±10%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) MINIATURE HIGH POWER LATCHING RELAY 微型大功率磁保持继电 Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 1.2pF; Voltage: 50V; Tolerance: ±0.25pF; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) 微型大功率磁保持继电 Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 10pF; Voltage: 100V; Tolerance: ±5%; TC: BP; Chip Size: SMD-0805; Termination: Nickel Guarded, Solder Coated (Sn60) 微型大功率磁保持继电 Ceramic Chip Capacitors to MIL-PRF-123; Capacitance: 100pF; Voltage: 100V; Tolerance: ±10%; TC: BP; Chip Size: SMD-1206; Termination: Nickel Guarded, Solder Coated (Sn60) 微型大功率磁保持继电 MINIATURE HIGH POWER LATCHING RELAY
|
HONGFA[Hongfa Technology] 厦门宏发电声股份有限公司 Xiamen Hongfa Electroacoustic Co., Ltd. ???瀹???靛0?′唤??????
|
BU7291G-E |
Low Voltage with High Speed CMOS Op-Amp integrates one independent output full swing Op-Amps and phase compensation capacitors on a single chip.
|
Rohm
|
VJ1808Y222KXEAT5Z VJ1210Y101KXGAT5Z VJ1210Y221KXEA |
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-Over in High-Voltage Applications
|
Vishay Siliconix
|
CD45-E2GA472M-NKA |
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
|
TDK Electronics
|
CD45-E2GA332M-VKA |
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
|
TDK Electronics
|