PART |
Description |
Maker |
MV5353_4A 1 MV64530 MV64531 MV6153A MV6154A MV6754 |
DIFFUSED T-1 3/4 SOLID STATE LAMPS High Efficiency Green Pale Tint Clear Lens T-100 Solid State Lamp High Efficiency Red Pale orange Tint Clear Lens T-100 Solid State Lamp High Efficiency Red Rectangular Solid State Lamp Green/AlGaAs Red Bicolor T-100 (3 mm) Solid State LED Lamp DIFFUSED T-1-3/4 SOLID STATE LAMPS High Efficiency Red Diffused T-1 3/4 Solid State Lamp High Efficiency Green Diffused T-1 3/4 Solid State Lamp Yellow Diffused T-1 3/4 Solid State Lamp Orange Diffused T-1 3/4 Solid State Lamp High Efficiency Green Rectangular Solid State Lamp DIFFUSED T-1SOLID STATE LAMPS 扩散的T 1?固态灯 DIFFUSED T-1 SOLID STATE LAMPS T-1 3/4 SINGLE COLOR LED, ORANGE, 4.825 mm
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
MV6752 MV64520 MV64521 MV6152 MV6351 MV5152 MV5352 |
(MV6xxx) CLEAR LENS T-1/4 SOLID STATE LAMPS CLEAR LENS T-1 3/4 SOLID STATE LAMPS High Efficiency Red Diffused T-1 3/4 Solid State Lamp High Efficiency Green Diffused T-1 3/4 Solid State Lamp Yellow Diffused T-1 3/4 Solid State Lamp CLEAR LENS T-1-3/4 SOLID STATE LAMPS CLEAR LENS T-1? SOLID STATE LAMPS CLEAR LENS T-1? SOLID STATE LAMPS
|
FAIRCHILD[Fairchild Semiconductor]
|
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
ASSR-1411-001E ASSR-1410 ASSR-1410-003E ASSR-1420 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX General Purpose, Form A, Solid State Relay (Photo MOSFET)
|
AVAGO TECHNOLOGIES LIMITED
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
AQV454 AQV454AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
AQV210AZ |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open)
|
PANASONIC CORP
|
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
TSS1J47S TSS1G45S TSS1G47S TSS1J45S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor]
|