PART |
Description |
Maker |
LTC3418 |
8A/ 4MHz/ Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
45MSF15A 45MSF15B 45MSF7.5A |
Surface Mounted Monolithic Crystal Filters 21.4MHz & 45MHz
|
AEL Crystals Ltd
|
LBS13503 |
135.4MHz SAW Filter 4MHz Bandwidth
|
SIPAT Co,Ltd
|
ASCF21U |
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
|
Abracon Corporation
|
LT1618 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter(恒定电流/恒定电压.4MHz,步升DC/DC变换
|
Linear Technology Corporation
|
MIC23051-16YML MIC23051-CGYML MIC23051-C4YML |
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling 4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc.
|
LTC3404MPMS8 LTC3404MPMS8TR LTC3404IMS8 |
1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator; Package: MSOP; No of Pins: 8; Temperature Range: -55° to 125°C 1.5 A SWITCHING REGULATOR, 1650 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
HA7-2640-2 HA7-2645-5 HA2-2640-2 HA2-2645-5 HA-264 |
4MHz, High Supply Voltage Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, MBCY8 4MHz, High Supply Voltage Operational Amplifiers OP-AMP, 6000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CDIP8 4MHz/ High Supply Voltage Operational Amplifiers From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT1913 LT1913IDDTRPBF LT1913IDDPBF LT1913EDDPBF LT |
25V, 3.5A, 2.4MHz Step-Down Switching Regulator 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 25V, 3.5A, 2.4MHz Step-Down Switching Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 6 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp. http://
|