PART |
Description |
Maker |
DH60A-51P DH60-37P DH-17-CMB DH-27-CMB DH-37-CMB D |
High speed transmission, 1mm pitch Small Interface Connector
|
Hirose Electric
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
0452801603 45280-1603 |
3.00mm (.118) Pitch Micro-Fit 3.0 BMI CPI Compliant Pin Header, Blind Mate Interface, Dual Row MOLEX Connector
|
Molex Electronics Ltd.
|
0009521106 09-52-1106 A-2145-AA10B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 10 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 10 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 10 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009521056 09-52-1056 A-2145-AA05B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 5 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 5 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 5 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
ADT1210NA |
provides the interface between logic and IR signals for through-air, serial and half-duplex IR wireless data links
|
ADTech
|
0009521086 09-52-1086 A-2145-AA08B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 8 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 8 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 8 Circuits
|
Molex Electronics Ltd.
|
0009521146 09-52-1146 A-2145-AA14B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 14 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 14 Circuits 3.96mm (.156") Pitch KK垄莽 PC Board Connector, Right Angle, Nylon Connector, 5.0楼矛m (200楼矛") Tin (Sn), 14 Circuits
|
Molex Electronics Ltd.
|
0009481094 A-41815-0009 09-48-1094 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 9 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009481064 A-41815-0006 09-48-1064 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Polyester Connector, 5.0μm (200μ) Tin (Sn), 6 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0009521136 09-52-1136 A-2145-AA13B-102 |
3.96mm (.156) Pitch KK? PC Board Connector, Right Angle, Nylon Connector, 5.0μm (200μ) Tin (Sn), 13 Circuits 3.96mm (.156") Pitch KK庐 PC Board Connector, Right Angle, Nylon Connector, 5.0渭m (200渭") Tin (Sn), 13 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|