PART |
Description |
Maker |
C8051T615 C8051T616 C8051T617-GM |
Mixed-Signal Byte-Programmable EPROM MCU Mixed-Signal Byte-Programmable EPROM MCU
|
Silicon Laboratories
|
ST90158-ST90135 ST90158M9T1 ST90R158T1 ST90E158P9L |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 8/16-BIT MICROCONTROLLER (MCU) WITH 16 TO 64K ROM, OTP OR EPROM, 512 TO 2K RAM - ST9 FAMILY
|
ST Microelectronics SGS Thomson Microelectronics
|
M27W512 M27W512-100B6TR M27W512-100F6TR M27W512-10 |
4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM Hex D-Type Positive-Edge-Triggered Flip-Flops With Clear 16-SOIC 0 to 70 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM 512千位64Kb的x8低压紫外线EPROM和检察官办公室存储器
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
ST62E32BF1 ST6232B |
IC-8-BIT MCU 8K EPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART 8位检察官办公存储器与阿微控制 D转换器,16位自动重加载定时器,EEPROM中,SPI和UART
|
意法半导 STMicroelectronics N.V.
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST62E40B |
8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
|
http://
|
ST6240BQ6/GEN |
8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
|
ST Microelectronics
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C2001 M27C2001-10B1TR M27C2001-10B1X M27C2001-1 |
2 Mbit (256Kb x 8) UV EPROM and OTP EPROM 2 Mbit 256Kb x 8 UV EPROM and OTP EPROM From old datasheet system 1 Mbit 128Kb x8 UV EPROM and OTP EPROM
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
ST62T85BQ6 ST6285BQ6 |
8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 80 PINS
|
ST Microelectronics
|
ST90158-ST90135 ST90T158M9Q6 |
8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM 微控制器16位产品的家庭多达64K的ROM /检察官/ EPROMK的内
|
意法半导 STMicroelectronics N.V.
|
ST6246BB6 ST6246BB1 ST6246B ST62E46BF1 |
8-BIT MICROCONTROLLER ( MCU ) WITH OTP, ROM, FASTROM, EPROM, LCD DRIVER, EEPROM, A/D CONVERTER AND 56 PINS
|
STMicroelectronics
|