PART |
Description |
Maker |
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BTA204M-800F BTA204M-500D BTA204M-500E BTA204M-500 |
Three quadrant triacs guaranteed commutation 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Three quadrant triacs guaranteed commutation 500 V, 4 A, TRIAC, TO-252 Three quadrant triacs guaranteed commutation(三象限双向确保换向可控硅) 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Transient Voltage Suppressor Diodes From old datasheet system TRIAC|800V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|500V V(DRM)|4A I(T)RMS|SOT-428 TRIAC|600V V(DRM)|4A I(T)RMS|SOT-428
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
UT131L-X-T92-B UT131L-X-AA3-R UT131L-X-T92-K UT131 |
TRIACS LOGIC LEVEL
|
Unisonic Technologies
|
T0505XH T0509DH T0509SH T0509MH T0509NH T0509XH T0 |
From old datasheet system SENSITIVE GATE TRIACS 400 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220 800 V, 5 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
BTB16 BTA16 |
16A Triacs logic level
|
Suntac Electronic Corp.
|
BTA16-600SW |
HIGH PERFORMANCE LOGIC LEVEL TRIACS
|
ST Microelectronics
|
4T06F-CW 4T08A-SW 4T08A-TW 4T08F-D 4T10AI-CW 4T10A |
TRIACs, 4A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd
|
T835 BTA08-600B BTA08-600BRG BTA08-600BW BTB08 BTA |
Snubberless?? logic level and standard 8 A Triacs Snubberless? logic level and standard 8 A Triacs
|
STMicroelectronics
|
6T06F-BW 6T06F-CW 6T08A-TW 6T08F-BW 6T10AI-BW 6T10 |
TRIACs, 6A Snubberless, Logic Level and Standard
|
Nell Semiconductor Co., Ltd Nell Semiconductor Co.,...
|
T1610T-6I T1620T-6I T1635T-6I |
Snubberless? logic level and standard 16 A Triacs
|
STMicroelectronics
|