PART |
Description |
Maker |
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA8L-8 |
8-Kbyte Self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EePROM, 6 or 8 Channel 10-bit A/D-converter. Up to 16 Mips Throughput at 16 Mhz.
|
ATMEL
|
ST10F272M-4QR3 ST10F272M-4Q3 ST10F272M-4T3 ST10F27 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F272B ST10F272E |
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
|
STMicroelectronics
|
ST10F276E ST10F276R-6Q3 |
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
ST10F27606 |
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
|
STMicroelectronics
|
AM29030 |
RISC Microprocessors with 8-Kbyte/4-Kbyte Instruction Cache
|
AMD
|
SPI_SLE66CL160S_06_99 SLE66CL160S |
Dual Interface 16-bit Security Controller with 32-Kbyte ROM, 1280 bytes RAM and 16-Kbyte EEPROM(双接6位安全控制器(B>32-K字节ROM,1280字节RAM6-K字节EEPROM)) From old datasheet system
|
SIEMENS AG
|
BUT11/B BUT11A/B |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCU for automotive with 16 to 60 Kbyte Flash, ADC, CSS, 5 timers, SPI, SCI, I2C interface 双极晶体管HOCHSPANNUNG
|
NXP Semiconductors N.V.
|
SLE66CX160S |
16-bit Security Controller with 32-Kbyte ROM, 1280 ( 700) Byte RAM 16-Kbyte EEPROM and 1100-bit Advanced Crypto Engine(16位安全控制器(B>32-KB ROM,1280B RAM
|
SIEMENS AG
|