PART |
Description |
Maker |
BC808-16 BC808-25 BC808-40 Q62702-C1689 BC807 BC80 |
From old datasheet system SH2 Series, 7086 Group, Two ADC circuits, 6-ch 16-bit MTU2, 3-ch 16-bit MTU2S, Port Output Enable, 2-ch CMT, UBC, 5v IO, 15 mA IO TFP-100B; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PTQP0100KA-A PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Silicon AF Transistors (For general AF applications High collector current High current gain) 进步党硅晶体管自动对焦(自动对焦对于一般应用高集电极电流的高电流增益)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG Fairchild Semiconductor, Corp.
|
IHSM-7832 IHSM-7832-RG3R9L IHSM-7832RG3R9L IHSM-78 |
High Current, Flame Retardant Encapsulated Inductor High Current Surface Mount Inductor High Current, Surface Mount Inductor 高电流,表面贴装电感 1 ELEMENT, 1.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc. VISHAY DALE
|
KBPC3500P KBPC3500PW KBPC3501P KBPC3501PW KBPC3502 |
15, 25, 35A HIGH CURRENT BRIDGE RECTIFIER 1555A条,大电流整流桥 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 15, 25, 35A HIGH CURRENT BRIDGE RECTIFIER 15255A条,大电流整流桥 15/ 25/ 35A HIGH CURRENT BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd.
|
BDP947 BDP949 Q62702-D1337 Q62702-D1335 |
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain) From old datasheet system
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BC878 BC880 |
PNP Silicon Darlington Transistors (High current gain High collector current)
|
Siemens Semiconductor Group
|
V23135-W1001-A309 V23135-W1002-A309 |
Star Point Relay SPR High Current Devices High Current Solutions
|
Tyco Electronics
|
CMSSH-3E CMSSH-3SE CMSSH-3AE CMSSH-3CE |
SMD Schottky Diode Dual: High Current: Common Anode SMD Schottky Diode Dual: High Current: Common Cathode SMD Schottky Diode Dual: High Current: In Series SMD Schottky Diode Single: High Current ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
BC637 |
NPN Silicon AF Transistors (High current gain High collector current)
|
Siemens Semiconductor G...
|
BCX69-10 BCX69-16 |
For general AF applications. High collector current. High current gain.
|
TY Semiconductor Co., Ltd
|
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|
BC327-16 BC327-25 |
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
|
Siemens Semiconductor G...
|
IDCP-3020 |
High Current, Drum Core Inductor High Current, Surface Mount Inductor 高电流,表面贴装电感
|
Vishay Intertechnology, Inc.
|