PART |
Description |
Maker |
SS16A |
(SS12A - SS110A) Surface Mount Schottky Barrier Rectifier
|
SIYU
|
KSM-955TE4Y KSM-951TE4Y KSM-952TE4Y KSM-953TE4Y KS |
Multipole, Connector, Voltage Rating AC 150 Volt, Current Rating 5 Ampere Optic receiver module
|
KODENSHI CORP. KODENSHI[KODENSHI KOREA CORP.] Kondenshi Corp
|
5500.2031 5500.2032 5500.2033 5500.2072 5500.2074 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 16A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
CE40.6100.151 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect Tabs; "Extra-Safe" fuse drawers; single element are already partial wired
|
Schurter, Inc.
|
STK5434 STK5422 STK5361L STK5362 |
Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:115Vrms; Voltage Rating DC, Vdc:153VDC; Peak Surge Current (8/20uS), Itm:4500A; Clamping Voltage 8/20us Max :300V; Peak Energy (10/1000uS):35J; Capacitance, Cd:1100pF Varistor; Voltage Rating AC, Vrms:105Vrms; Voltage Rating DC, Vdc:144VDC; Peak Surge Current (8/20uS), Itm:100A; Clamping Voltage 8/20us Max :310V; Peak Energy (10/1000uS):0.6J; Capacitance, Cd:27pF; Package/Case:3mm Axial Metal Oxide Varistor (MOV); Voltage Rating AC, Vrms:175Vrms; Voltage Rating DC, Vdc:225VDC; Peak Surge Current (8/20uS), Itm:6500A; Clamping Voltage 8/20us Max :455V; Peak Energy (10/1000uS):90J; Capacitance, Cd:1400pF 模拟IC
|
Littelfuse, Inc.
|
26-48-7075 |
Breakaway Header; No. of Contacts:7; Pitch Spacing:0.156"; No. of Rows:1; Gender:Header; Series:41681; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
1709610000 |
Terminal Block; Pitch Spacing:0.2"; Wire Size (AWG):26-12; Mounting Type:PC Board; Current Rating:15A; Leaded Process Compatible:Yes; Number of Rows:1; Voltage Rating:300V 3 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SCREW, PLUG
|
Weidmuller, Corp.
|
0909.0051 |
Power Distribution Unit; Snap-in mounting from front; solder terminals; protection class I; 7 IEC Outlets; Voltage Rating: 250 VAC; Current Rating: 10A; 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG
|
1330-0 |
Banana Plug; Current Rating:15A; Body Material:Brass; Color:Black; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Spring Material:Beryllium Copper; Voltage Rating:5000V INTERCONNECTION DEVICE
|
Pomona Electronics
|
4754.3000 4754.5200 4754.8200 4754.7400 |
Power Distribution Unit; Module of 4 outlets; additional carrier frame for accessory modules; 4 IEC Outlets; Voltage Rating: 250 VAC; Current Rating: 10A; 10/15A, 250VAC, FEMALE, MAINS POWER CONNECTOR, SOLDER
|
SCHURTER AG SCHURTER INC
|