PART |
Description |
Maker |
MN101EF29G |
Buzzer output. Inverted buzzer output. Remote control carrier output. High-current drive port
|
Panasonic Semiconductor
|
EXO-3 EXO-3-12.288M EXO-3-14.31818M EXO-3-14.7456M |
CRYSTAL OSCILLATOR FOR uPs WITH PROGRAMMBLE OUTPUT AC Motorized Impeller; Series:Diplomat 与晶体振荡器的可编程输出断电 Crystal oscillator for uPs with programmable output, 12.288MHz Crystal oscillator for uPs with programmable output, 14.31818MHz Crystal oscillator for uPs with programmable output, 14.7456MHz Crystal oscillator for uPs with programmable output, 14.9105MHz Crystal oscillator for uPs with programmable output, 15.9744MHz Crystal oscillator for uPs with programmable output, 16.128MHz Crystal oscillator for uPs with programmable output, 16.257MHz Crystal oscillator for uPs with programmable output, 16.384MHz Crystal oscillator for uPs with programmable output, 19.0909MHz Crystal oscillator for uPs with programmable output, 18.432MHz Crystal oscillator for uPs with programmable output, 17.73447MHz Crystal oscillator for uPs with programmable output, 19.6608MHz Crystal oscillator for uPs with programmable output, 21.47727MHz Crystal oscillator for uPs with programmable output, 22.1184MHz Crystal oscillator for uPs with programmable output, 24.576MHz
|
Wolfgang Knap Ges.m.b.H. . Co. KG Wolfgang Knap Ges.m.n.H. WK[Wolfgang Knap]
|
AD8017ARZ-REEL AD8017ARZ |
Low Cost High Output Current High Output Voltage Line Driver
|
Analog Devices
|
PS9611 PS9611L-E3 PS9611L-V-E4-A PS9611-A PS9611-V |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 10 Mbps HIGH NOISE REDUCTION, HIGH-SPEED 10 Mbps TOTEM POLE OUTPUT TYPE 8-PIN DIP PHOTOCOUPLER
|
Duracell California Eastern Labs
|
GHPW5V020PMT003L GHPC2V530EET001L GHPC2V530EET002L |
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
|
GALAXY[Galaxy Power, Inc.]
|
PQ3RF33 PQ3RF23 PQ3RF23_01 PQ3RF2301 |
3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
PQ3RF23 |
3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
|
SHARP[Sharp Electrionic Components]
|
NJU7044V NJU7044 NJU7044D NJU7044M |
Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
|
NJRC[New Japan Radio]
|
H11D3X H11D3XSM H11D2X H11D1X H11D1X-SMTAMPR H11D4 |
HIGH VOLTAGE OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS ISOCOM COMPONENTS LTD
|
IR3622MPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
IRF[International Rectifier]
|
2SC5347AF-TD-E 2SC5347AE-TD-E |
High-Frequency Semi-Power Output Stage, Low-Noise Medium Output Amplifi er Applications
|
Sanyo Semicon Device
|
6N138 6N139 |
High Speed Optically Coupled Isolator PhotoDarlington Output(高速达林顿输出的光耦合/隔离 1 CHANNEL LOGIC OUTPUT OPTOCOUPLER, 0.3 Mbps
|
Isocom Components, Ltd.
|