PART |
Description |
Maker |
MIC5252 MIC5252-1.8BM5 MIC5252-2.5BM5 MIC5252-2.85 |
150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150MA HIGH PSRR LOW NOISE UCAP CMOS LDO 2.85 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, DSO6 Dual 3A Non-Synchronous Buck Converter with Integrated High Side MOSFET, 300 kHz 14-HTSSOP -40 to 125
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
P4SMA9.1 P4SMA9.1A P4SMA9.1C P4SMA7.5C P4SMA100 P4 |
Surface Mount Transient Voltage Suppressor 表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 8-MSOP-PowerPAD -40 to 85 Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 TVS: Unidirectional TVS: Bidirectional
|
Taiwan Semiconductor Compan... http:// Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] Taiwan Semiconductor Co...
|
MIC5319 MIC5319YML MIC5319-2 MIC5319-8BD5 MIC5319- |
500mA Cap Ultra-Low Dropout, High PSRR LDO Regulator 500mA的?第超低压差,高PSRR LDO稳压 500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator From old datasheet system Voltage Regulator - Datasheet Reference 500mA ?Cap Ultra-Low Dropout, High PSRR LDO Regulator
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
OPF542 |
High PSRR 300 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R 光纤接收
|
Fujitsu, Ltd.
|
ADP221 ADP220 |
Dual, 200 <span style="text-transform: lowercase">m</span>A, Low Noise, High PSRR Voltage Regulator Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
|
Analog Devices
|
MIC5309-1.8YMT MIC5309-1.5YMT MIC5309-1.2YMT MIC53 |
Low VIN/VOUT 300mA High PSRR ULDO?/a> with Ultra-Low IQ Low VIN/VOUT 300mA High PSRR ULDO⑩ with Ultra-Low IQ
|
Micrel Semiconductor
|
MAX8841ELT31T MAX8840ELT30 MAX8840ELT33 MAX8841ELT |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in ??FN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in µDFN
|
MAXIM INTEGRATED PRODUCTS INC
|
TPS79915 |
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
|
TI
|
MIC5252-2.5BM5 MIC5252-2.5YM5 MIC5252-2.85BM5 MIC5 |
150mA High PSRR, Low Noise 渭Cap CMOS LDO 150mA High PSRR, Low Noise μCap CMOS LDO
|
Micrel Semiconductor
|
75H-501 75H-504 75H-502 75H-503 75H-202 75H-203 75 |
High PSRR 300 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R HIGH PSRR 150 MA LDO, VIN 10V MAX, VOUT = 6.0V, -40C to 85C, 5-SOT-23, T/R TRIMMER 6.35MM CERMET EIN 100R 300V 0.5W TRIMMER 6.35MM CERMET EIN 200R 300V 0.5W TRIMMER 6.35MM CERMET EIN 1K 300V 0.5W TRIMMER 10K TRIMMER 20K High PSRR 150 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R 修边.35mm的金属陶瓷艾10,000 300V.5W High PSRR 150 mA LDO, Vin 10V max, Vout =0.9V, -40C to 85C, 5-SOT-23, T/R 修边.35mm的艾00R 300V金属陶瓷.5W
|
Aimtec
|
EUP7907A EUP7907A-12JIR1 EUP7907A-12VIR1 EUP7907A- |
600mA Low Noise High PSRR Low Dropout Linear Regulator
|
Eutech Microelectronics Inc
|
|