PART |
Description |
Maker |
M25PE40 |
Page-Erasable Serial Flash memory
|
ST Microelectronics
|
M45PE20 M45PE20-VMN6 M45PE20-VMN6G M45PE20-VMN6P M |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 From old datasheet system 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
M25PE80-VMP6T M25PE80-VMW6P M25PE80-VMP6P M25PE80- |
4 Mbit Uniform Sector, Serial Flash Memory 4兆位统一部门,串行闪 COIL CHOKE 27MH .50A RADIAL 8兆位,低电压,页面与字节可擦除串行闪存更改性,50MHz的SPI总线,标准品 8 Mbit, Low Voltage, Page-Erasable Serial Flash Memory with Byte-Alterability, 50MHz SPI Bus, Standard Pin-out
|
STMicroelectronics N.V. ST Microelectronics
|
M25PE20 M25PE20-VMN6G M25PE20-VMN6P M25PE20-VMN6TG |
1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
|
Numonyx B.V
|
M45PE40-V M45PE40-VMF6G M45PE40-VMF6P M45PE40-VMF6 |
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 25 MHz SPI Bus Interface
|
ST Microelectronics
|
M45PE40-VMW6G M45PE40-VMW6P M45PE40-VMW6TG M45PE40 |
4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
|
Numonyx B.V
|
M25PE16 |
16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
|
STMicroelectronics
|
M25PE80-VMW6G |
8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
|
STMicroelectronics http://
|
M25PE40-VMP6G M25PE40-VMP6TG |
4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory with Byte-Alterability, 25 MHz SPI Bus, Standard Pinout
|
ST Microelectronics
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
PALCE16V8-10 PALCE16V8-15 PALCE16V8-15JC PALCE16V8 |
Flash-Erasable Reprogrammable CMOS PAL Device 闪光可擦除可再编程的CMOS PAL制式设备 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 7.5 ns, PQCC20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 25 ns, PDIP20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 25 ns, PQCC20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 15 ns, CDIP20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 25 ns, CDIP20 Flash-Erasable Reprogrammable CMOS PAL Device FLASH PLD, 10 ns, PQCC20 Flash Erasable, Reprogrammable CMOS PAL
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp. CYPRESS[Cypress Semiconductor]
|
|