PART |
Description |
Maker |
LTC3416 LTC3416EFE |
4A, 4MHz, Monolithic Synchronous Step-Down Regulator with Tracking 4A, 4MHz, MonolithicSynchronous Step-DownRegulator with Tracking
|
LINER[Linear Technology]
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
LTC3414EFE |
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3412EFE 3412EFE |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LTC3412AEUF LTC3412AEUF-PBF LTC3412AEUF-TR LTC3412 |
3A, 4MHz, Monolithic Synchronous Step-Down Regulator
|
Linear Technology
|
LBT14066 |
140MHz SAW Filter 14.4MHz Bandwidth 140MHz的带宽SAW滤波4.4MHz
|
SIPAT Co., Ltd. SIPAT Co,Ltd
|
LT1618 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter(恒定电流/恒定电压.4MHz,步升DC/DC变换
|
Linear Technology Corporation
|
MIC23051-16YML MIC23051-CGYML MIC23051-C4YML |
4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling 4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling 2 A SWITCHING REGULATOR, 4000 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc.
|
MIC23051-CGYML MIC23051-C4YML MIC23051-16YML MIC23 |
4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
|
Micrel Semiconductor,Inc.
|
TA0526A |
SAW Filter 415.4MHz SMD 5.0隆驴5.0 mm SAW Filter 415.4MHz SMD 5.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
LT1616 LT1616ES6 LT1616ES6TR LT1616ES6TRPBF LT1616 |
600mA, 1.4MHz Step-Down Switching Regulator in SOT-23 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 600mA, 1.4MHz Step-Down Switching Regulator in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C 0.85 A SWITCHING REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 1.4MHz, 600mA Step-Down Switching Regulator in SOT-23
|
Linear Technology, Corp.
|
G5756 |
1.5A, 1.4MHz Step-down DC/DC
|
Global Mixed-mode Techn...
|