PART |
Description |
Maker |
1617AB15 |
15 Watts PEP, 26 Volts, Class AB Linear 1600 - 1700 MHz 15 Watts PEP 26 Volts Class AB Linear 1600 - 1700 MHz 15 Watts PEP/ 26 Volts/ Class AB Linear 1600 - 1700 MHz TELCO 25-PAIR PVC 25 FT 1 MALE CNNCTR/1 OPEN
|
List of Unclassifed Manufacturers GHz Technology ETC[ETC] Electronic Theatre Controls, Inc.
|
LTP5902-IPR-15 |
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
|
Linear Technology
|
MAX4834 MAX4833 MAX4835 MAX4834ETT18C-T MAX4834ETT |
2.5 V, reset timeout: 1800 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 225 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 3.75 ms, 250 mA LDO linear regulator with current-limiting switch 2.5 V FIXED POSITIVE LDO REGULATOR, 0.165 V DROPOUT, PDSO6 2.8 V FIXED POSITIVE LDO REGULATOR, 0.165 V DROPOUT, DSO6 250mA LDO Linear Regulators with Current-Limiting Switch 3.3 V, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 30 ms, 250 mA LDO linear regulator with current-limiting switch 3.3 V, reset timeout: 1800 ms, 250 mA LDO linear regulator with current-limiting switch
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
10AM05 |
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
10A060 |
6 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
PD64004AH PD64004A |
PD64004A is a four-port, mixed-signal, high-voltage Power over Ethernet PSE Manager. The IC allows t 4-port PoE PSE Manager
|
List of Unclassifed Manufacturers Microsemi Corporation ETC
|
ACS758KCB-150B-PFF-T ACS758KCB-150B-PSS-T ACS758KC |
Thermally Enhanced, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 100 Current Conductor
|
Allegro MicroSystems
|
ACS706ELC-20A ACS704ELC-00506 ACS704ELC-005 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
|
ALLEGRO[Allegro MicroSystems]
|
ACS704ELC-005 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
|
Allegro MicroSystems, Inc.
|
ACS704ELC-015 |
Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor 全集成,霍尔效应为基础的电压绝缘及低电阻电流导体线性电流传感器
|
Allegro MicroSystems, Inc.
|
1991499 PM7367 PM7367-PI |
32 link, 32 Channel Data Link Manager with PCI Interface FRAME ENGINE AND DATA LINK MANAGER From old datasheet system 32 link 32 Channel Data Link Manager with PCI Interface
|
PMC[PMC-Sierra, Inc] PMC[PMC-Sierra Inc]
|
B88069X6691B041 LN38-A800X |
Surge arrester LN-class I / high follow current
|
EPCOS
|