PART |
Description |
Maker |
Z86C93 |
CMOS Z8 MULT/DIV MICROCONTROLLER
|
Zilog. Zilog, Inc.
|
HLPC |
Class 1, Div 2 Hazardous Location Photocell Assembly
|
List of Unclassifed Man...
|
RAD-PIG-RSMA-N-EX |
Barrier for antenna installation in Ex Class I, Div. 1 and 2; 76 cm; Type N (female) to RSMA (male); UL listing
|
PHOENIX CONTACT
|
DAML6278 |
DAICO Broadband Amplifiers Broadband LNA
|
DAICO[DAICO Industries, Inc.]
|
Z115 Z150 Z180 Z160 Z200A Z200 Z100 Z220 Z330 Z90 |
Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6"; For Use With: RoHS Compliant: NA From old datasheet system ZENER DIODE,SINGLE, TWO TERMINAL,200V V(Z),20%,DO-41 BK Precision Counters, Gate Time: .1-1 sec, Display: 7 Digit LED, Features: Suitable for VHF communications up to 200 MHz, high accurate time base Code:9V; Capacitance Measuring Range:4 nF - 40 mF; Current Measuring Range:20A; RoHS Compliant: NA , thermal & short-circuit protection, current limiting RoHS Compliant: NA Computers, Data logging Peripherals; Linear Power Supply; Output Voltage:64V; Output Current:15A; Number of Outputs:1; Output Current Max:15A; Output Current Min:0A; Supply Voltage Min 240 x 128 pixel format, CFL Backlight with power harness of transistors in Lo drive; base lead in Hi drive, all leads of SCR 128 x 64 pixel format, LED Backlight available 240 x 128 pixel format, LED or EL Backlight ADAPT FOR 844TSSOP TO 844 DIP TEST LEAD TIPS FOR TL-2 TEST LEADS DELUXE 150 x 32 pixel format, LED Backlight available Device Programmer; Device Types Supported:EPROM, EPROM/Flash, Serial EPROM, Microcontroller & PLD; No. of Devices Supported:16887; Pitch Spacing:0.6 Oscilloscope; Scope Type:Analog; Scope Bandwidth:60 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:5.8ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 170 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 Oscilloscope; Scope Type:Analog; Scope Bandwidth:100 MHz; Scope Channels:2 Scope; Calibrated:No; Rise Time:3.5ns; Sensitivity:5 mV/div to 5 V/div; Accuracy: /- 3 %; Resistance:1Mohm 160 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 330 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 ZENER SILICON RETIFIER
|
RECTRON[Rectron Semiconductor] Rectron Electronic Enterprise Inc RECTRON LTD
|
SF0044BA01931S |
44.0 MHz Filter for Broadband Access Applications SAW Filters for Broadband Cable and Cable Router
|
Integrated Circuit Systems ICS
|
MRF374A |
MRF374A 470-860 MHz, 130 W, 32 V Lateral N-Channel Broadband RF Power MOSFET RF POWER FIELD EFFECT TRANSISTOR
|
Motorola, Inc Motorola Inc
|
MRF373ASR1 MRF373AR1 MRF373A |
MRF373AR1, MRF373ALSR1 470-860 MHz, 75 W, 32 V Lateral N-Channel Broadband RF Power MOSFETs RF POWER FIELD EFFECT TRANSISTORS
|
MOTOROLA[Motorola, Inc] MOTOROLA [Motorola, Inc]
|
MRF151G |
N-CHANNEL BROADBAND RF POWER MOSFET
|
MOTOROLA[Motorola, Inc]
|
SKY77758 |
Broadband Power Amplifier Module
|
Skyworks Solutions Inc.
|
BLF647PS-15 BLF647PS |
Broadband power LDMOS transistor
|
NXP Semiconductors
|
BLF644P-15 |
Broadband power LDMOS transistor
|
NXP Semiconductors
|
|