PART |
Description |
Maker |
MC68EC030 |
Second-Generation 32-Bit Enhanced Embedded Controller
|
MOTOROLA[Motorola, Inc] Freescale Semiconductor, Inc
|
AM29PDL127H53VKI AM29PDL127H53VKIN AM29PDL127H88VK |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM29PDL640G AM29PDL310G98WHI AM29PDL310G98WHIN AM2 |
CAP 0.022UF 50V 5% X7R SMD-0603 TR-7 PLATED-NI/SN 64兆位个M x 16位).0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 64兆位M x 16位).0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 64兆位个M x 16位).0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆
|
Advanced Micro Devices Spansion Inc. Spansion, Inc.
|
AM29PDLI27H AM29PDL127H88 AM29PDL127H83 AM29PDL127 |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
|
SPANSION[SPANSION]
|
S29PL129J S29PL032J S29PL064J S29PL127J70 S29PL127 |
CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 3.0伏的CMOS只,同步写闪存与增强VersatileIO控制记忆 8M X 16 FLASH 3V PROM, 60 ns, PDSO56
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
FAN7548G FAN7548 FAN7548GX |
CCFL BACK LIGHT IC DUAL LCD BACK LIGHT INVERTER DRIVE IC
|
Fairchild Semiconductor
|
TDA5360UK TDA5360UH |
Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads 12 CHANNEL READ WRITE AMPLIFIER CIRCUIT, UUC75
|
NXP Semiconductors N.V.
|
TS68882VF25 TS68882 TS68882DESC01XA TS68882DESC01Y |
Enhanced 32-bit FPU, 16/20/25-33 MHz CMOS Enhanced Floating-point Co-processor
|
ATMEL[ATMEL Corporation]
|
AT34C02B |
2K, 2-wire Bus Serial EEPROM with permanent software write protection and reversible software write protection.
|
Atmel
|
AT49BV2048 |
2-Megabit 3-volt Only Flash Memory(2M浣?3V???瀛???ī 2M bit. 2.7-Volt Read and 2.7-Volt Write. Byte-Write Flash. Bottom Boot
|
Atmel Corp.
|
24C04A |
The 24C04A is a 4K bit Serial Electrically Erasable PROM. The 24C04A features an I2C compatible 2-wire serial interface bus and hardware write protection for the upper half of the block. The 24C04A has a page write capabil
|
Microchip
|