PART |
Description |
Maker |
3DD4120PL 3DD4120PL-O-M-N-C |
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
251UL80S20 251UL 251UL100S10 251UL100S15 251UL100S |
2000V Fast Recovery Diode in a DO-205AB (DO-9) package 2000V快恢复二极管中的DO - 205AB(请 9)封 1600V Fast Recovery Diode in a DO-205AB (DO-9) package 1600V快恢复二极管中的DO - 205AB(请 9)封 2500V Fast Recovery Diode in a DO-205AB (DO-9) package 1000V Fast Recovery Diode in a DO-205AB (DO-9) package 1200V Fast Recovery Diode in a DO-205AB (DO-9) package 1800V Fast Recovery Diode in a DO-205AB (DO-9) package 1400V Fast Recovery Diode in a DO-205AB (DO-9) package 250 AMP Fast Recovery Power Silicon Rectifiers Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 250安培快速恢复电力硅整流 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 250安培快速恢复电力硅整流
|
OlympicControls, Corp. Cree, Inc. IRF[International Rectifier] http:// International Rectifier, Corp.
|
1N5418 |
Fast Recovery Pack: G4 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE?00V CURRENT: 3.0A
|
Gulf Semiconductor
|
SBYG23MG |
Fast Recovery Pack: SMA SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?000V CURRENT?.5A
|
Gulf Semiconductor
|
BYV95B |
Fast Recovery Pack: SOD-57 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.5A
|
Gulf Semiconductor
|
RGP10A RGP10B RGP10D RGP10G RGP10J RGP10K RGP10M |
Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
RU4JMG |
Fast Recovery Pack: DO-201AD GLASS PASSIVATED FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT:2.0A
|
Gulf Semiconductor
|
BYM26G |
Fast Recovery Pack: SOD-64 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
|
Gulf Semiconductor
|
RGP30J-B RGPB30J |
Fast Recovery Pack: G3 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:600V CURRENT: 3.0A
|
Gulf Semiconductor
|
RGP15A RGP15B RGP15D RGP15G RGP15J RGP15K RGP15M |
Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
|
Gulf Semiconductor
|
1N4933G 1N4934G 1N4935G 1N4936G 1N4937G |
Fast Recovery Pack: DO-41 GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|