PART |
Description |
Maker |
MC33887APR2 MC33887APVW MC33887PR2 MC33887PFK MC33 |
5.0 A H-Bridge with Load Current Feedback
|
Freescale Semiconductor, Inc
|
MCZ33887EKR2 MC33887AVWR2 MC33887DH MC33887DWB MC3 |
5.0 A H-Bridge with Load Current Feedback
|
Freescale Semiconductor, Inc http:// Freescale Semiconductor...
|
TDA8943 TDA8943SF |
6 W mono Bridge Tied Load BTL audio amplifier
|
PHILIPS[Philips Semiconductors]
|
TDA8945S TDA8945 |
15 W mono Bridge Tied Load (BTL) audio amplifier 15 W mono Bridge Tied Load BTL audio amplifier
|
NXP Semiconductors Philips Semiconductors
|
ISL6334ACRZ ISL6334ACRZ-T |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
ISL6334AR5368 ISL6334AIRZ-TR5368 ISL6334ACRZ-TR536 |
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring Features
|
Intersil Corporation
|
NCP45540 |
NCP45540 Datasheet - ecoSWITCH™ Advanced Load Management: 18 A Controlled Load Switch with Low R<sub>ON</sub>
|
ON Semiconductor
|
AQY221N1SX AQY221N1SZ |
PhotoMOS relay, RF (radio frequency). C x R 20 type. AC/DC type. Output rating: load voltage 40 V, load current 120 mA.
|
Matsushita Electric Works(Nais)
|
FAITD25J FAITD25G FAITD250 AITD75J FAITD75J FAITD2 |
8-/16-Channel 16-Bit No Latency Delta Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Regulator; Features: Medium current output; Note: Isolation package; Comments: 60V load dump; V OUT (%): (max /-3) Regulator; Features: Low current output; Note: Radial tape packing for automatic mounting; Comments: 60V load dump; V OUT (%): (max /-10) Regulator; Features: Low current output; Note: Surface-mount PW-MOLD(SOT-89) package; Comments: 60V load dump; V OUT (%): (max /-10) Photorelays (MOSFET Output Devices); Features: 1b (Normaly Close); Package: DIP4; Surface Mount Type: Y/N; Number of Pins: 4; Trigger LED Current Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.0A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 27V (30V); Io (lpeak): 1A (2A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP10; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: SIP9; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 20V (25V); Io (lpeak): 0.4A (1.2A); Channel: 1-ch; PWM Drive: n/a; Package: HSOP16; RoHS Compatible: yes Brushed DC Motor Driver ICs (Bridge Drivers); Functions: Driver; Vopmax (Vm*): 18V (25V); Io (lpeak): 1A (3A); Channel: 1-ch; PWM Drive: n/a; Package: HSIP7; RoHS Compatible: yes Series Regulators; Surface Mount Type: Y; Package: New PW-MOLD; Number Of Pins: 3; Polarity: Positive; General Description: Three-Terminal Voltage Regulator; Features: Medium current output; Note: Surface-mount PW-MOLD package 逻辑IC Logic IC 逻辑IC
|
Bourns, Inc. Thomas
|
4GBU005 4GBU01 4GBU02 4GBU04 4GBU06 4GBU08 |
600V Bridge in a GBU package 600V的大桥在GBU 50V Bridge in a GBU package 50V桥一GBU 800V Bridge in a GBU package 400V Bridge in a GBU package 200V Bridge in a GBU package 100V Bridge in a GBU package
|
Cornell Dubilier Electronics, Inc. International Rectifier
|
FTD2015 |
Load Switching Applications 负荷开关应 N-Channel Silicon MOSFET Load Switching Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
FTD1012 |
Load Switching Applications 负荷开关应 P-Channel Silicon MOSFET Load Switching Applications
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|