PART |
Description |
Maker |
MCP6231T-E_MC MCP6231T-E_MNY MCP6231T-E_SL MCP6231 |
20 楼矛A, 300 kHz Rail-to-Rail Op Amp 20 渭A, 300 kHz Rail-to-Rail Op Amp 20 μA, 300 kHz Rail-to-Rail Op Amp
|
Microchip Technology
|
MCP6231-E/P MCP6231-E/OT MCP6231-E/LT MCP6232-E/OT |
20 UA, 300 kHz Rail-to-Rail Op Amp 20联合航空00千赫轨至轨运算放大器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
MCP6231-E_LT MCP6231-E_OT MCP6231-E_SN MCP6231RT-E |
20 UA, 300 kHz Rail-to-Rail Op Amp
|
MICROCHIP[Microchip Technology]
|
TSX631 TSX631A TSX632 TSX632A TSX634 TSX634A |
Micropower (45 μA, 200 kHz) rail-to-rail 16 V CMOS operational amplifiers
|
STMicroelectronics
|
TLV2454IDRG4 |
<font color=red>[Old version datasheet]</font> FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
|
TI store
|
MCP6241R MCP6241U MCP6242 MCP6244E MCP6241 MCP6242 |
50 uA, 550 kHz Rail-to-Rail Op Amp
|
MICROCHIP[Microchip Technology]
|
ADA4841-1YRZ ADA4841-1YRZ-R7 ADA4841-1YRZ-RL ADA48 |
Low Power, Low Noise and Distortion, Rail-to-Rail Output Amplifier OP-AMP, 300 uV OFFSET-MAX, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TSV611A TSV61110 TSV612A TSV611 TSV611AICT TSV611A |
Rail-to-rail input/output 10 μA, 120 kHz CMOS operational amplifiers Rail-to-rail input/output 10 渭A, 120 kHz CMOS operational amplifiers Rail-to-rail input/output 10 楼矛A, 120 kHz CMOS operational amplifiers
|
STMicroelectronics
|
AD8061 AD8061ART-REEL7 AD8062AR-REEL AD8062AR-REEL |
Low-Cost, 300 MHz Rail-to-Rail Amplifiers Low Cost, Single with Disable, 300MHz Rail-to-Rail Amplifiers Low Cost, Dual, 300MHz Rail-to-Rail Amplifiers Low Cost, Single, 300MHz Rail-to-Rail Amplifiers Low Cost, 275 MHz Rail-to Rail Amplifiers Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; No. of Contacts:11; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-11 PT 10C 10#20 SKT PLUG Low-Cost, 300 MHz Rail-to-Rail Amplifiers OP-AMP, 6000 uV OFFSET-MAX, PDSO5 16-Bit, 8-Channel Serial Output Sampling Analog-to-Digital Converter 20-SSOP/QSOP DUAL OP-AMP, 6000 uV OFFSET-MAX, PDSO8
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471E |
Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5 Single/Dual/Quad, !.8V/750nA, SC70, Rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大 Single/Dual/Quad / !.8V/750nA / SC70 / Rail-to-Rail Op Amps "Single, 1.8V/750nA, SC70, Rail-to-Rail Op Amps" Single/Dual/Quad !.8V/750nA SC70 Rail-to-Rail Op Amps Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LTC1152CS8TR |
Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 10 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 |
Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8 RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE Single Supply/ Rail-to-Rail/ Low Cost Instrumentation Amplifier Single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers 80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs
|
Analog Devices, Inc. AD[Analog Devices]
|