PART |
Description |
Maker |
LM2576T-ADJ LM2576TV-AJD LM2576TV-5 LM2576T-5 LM25 |
Easy switcher 1.0 A step-down voltage regulator EASY SWITCHERE 3.0 A STEP-DOWN VOLTAGE REGULATOR EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE3.0 A STEP-DOWN VOLTAGE REGULATOR 3 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5
|
Motorola Inc Motorola, Inc. Motorola Mobility Holdings, Inc.
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
LM2575-5 LM2575-D |
1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator Easy Switchertm 1.0 a Step-down Voltage Regulator
|
ON Semiconductor ONSEMI
|
LM2576T-12 LM2576T-ADJ LM2576 LM2576D2T-BADJ LM257 |
EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3A, Adjustable Output Voltage, Step-Down Switching Regulator
|
ONSEMI[ON Semiconductor] http://
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
ADP1110 ADP1110AN ADP1110AN-12 ADP1110AN-33 ADP111 |
Micropower, Step-Up/Step-Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
MAX711ESE-T MAX711ESET |
3.3V/5V or Adjustable, Step-Up Step-Down DC-DC Converters 0.7 A SWITCHING REGULATOR, PDSO16
|
Maxim Integrated Products, Inc.
|
LTC3240 LTC3240EDC-2.5 LTC3240EDC-3.3 LTC3240EDC-2 |
3.3V/2.5V Step-Up/Step-Down Charge Pump DC/DC Converter; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 0.45 A SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO6 3.3V/2.5V Step-Up/ Step-Down Charge Pump DC/DC Converter
|
Linear Technology, Corp.
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
LTC1709-85 LTC1709-7 LTC1709 1709F |
2-Phase, 5-Bit Adjustable,High Efficiency, Synchronous Step-Down Switching Regulator From old datasheet system 2-Phase, 5-Bit Adjustable Switching Regulator 2-Phase, Mobile VID, High Efficiency, Synchronous Step-Down Switching Regulator 2-Phase, VRM8.4, High Efficiency, Synchronous Step-Down Switching Regulator
|
Linear Technology
|
NCP1400ASN22T1 NCP1400ASN22T1G NCP1400ASN50T1 NCP1 |
100mA, Fixed Frequency PWM Step-Up Micropower Switching Regulator 0.4 A SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 100mA / Fixed Frequency PWM Step-Up Micropower Switching Regulator 100mA Fixed Frequency PWM Step-Up Micropower Switching Regulator
|
ONSEMI[ON Semiconductor]
|
LTC3604EUDPBF LTC3604IUDPBF LTC3604IMSE LTC3604IMS |
2.5A, 15V Monolithic Synchronous Step-Down Regulator SWITCHING REGULATOR, PQCC16
|
LINEAR TECHNOLOGY CORP
|