PART |
Description |
Maker |
AKM62256LFP-10SLT AKM62256LP-10SL AKM62256LFP-8T A |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C x8 SRAM x8的SRAM
|
|
LTC3407-3 |
Dual Synchronous 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3407-2-15 |
Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
ISL8022 |
Dual 2A/1.7A Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil
|
ISL78228ARZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
LTC3407EDD-2PBF LTC3407IDD-2PBF LTC3407EMSE-2PBF L |
Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT1359 LT1359CN LT1359CS LT1358CN8 LT1358CS8 13589 |
Dual and Quad 25MHz/ 600V/us Op Amps From old datasheet system Dual and Quad 25MHz, 600V/us Op Amps OCTAL BUFFERS AND LINE DRIVERS 20-SSOP 0 to 70
|
LINER[Linear Technology] Linear Technology Corporation
|
EUP3292 |
Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics...
|
EUP3291 |
2.25MHz Synchronous Step-Down DC/DC Regulator
|
Eutech Microelectronics
|
BD90532EFJ-CE2 BD90535EFJ-CE2 BD90538EFJ-CE2 |
2.69 to 5.5V, Fixed Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3560 LTC3560E LTC3560ES6 LTC3560ES6LTCFY LTC356 |
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
|
Linear Technology
|