PART |
Description |
Maker |
CMLD6263 |
SMD Schottky Diode Dual: High Voltage: Same Polarity SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
P6MU-XXXXZH40 P6MU-0505ZH40 P6MU-053R3ZH40 P6MU-12 |
Input voltage:24V, output voltage /-7.2V ( /-69mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output Input voltage:12V, output voltage /-12V ( /-42mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-3.3V ( /-150mA), 4KV isolated 1W unregulated dual output Input voltage:5V, output voltage /-5V ( /-100mA), 4KV isolated 1W unregulated dual output 4 KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP14 4千伏隔震1W的未稳压双输出DIP14
|
http:// PEAK[PEAK electronics GmbH]
|
HT0440 HT0440LG |
Dual High Voltage Isolated MOSFET Driver
|
Supertex Inc Supertex Inc
|
CMFD2004I |
DUAL ISOLATED HIGH VOLTAGE SWITCHING DIODES
|
CENTRAL[Central Semiconductor Corp]
|
2SK2608 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
BAW10111 BAW101-15 |
SURFACE MOUNT DUAL, ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
|
Central Semiconductor Corp Central Semiconductor C...
|
CMLD6263 |
SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
Central Semiconductor Corp.
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
VB40100C |
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
|
Vishay Siliconix
|
V80100PW |
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
|
Vishay
|
VF30120C |
Dual High Voltage Trench MOS Barrier Schottky Rectifier
|
Vishay Siliconix
|
V60100PW-M3-4W |
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
|
Vishay Siliconix
|