PART |
Description |
Maker |
HCS300 HCS30011 |
Microchip Technology Inc. is a code hopping encoder designed
|
Microchip Technology
|
MCP3221A5T-E/OT MCP3221A5T-I/OT MCP3221A1T-I/OT MC |
TERMINAL IGBT模块 The Microchip Technology Inc. MCP3221 is a successive approximation A/D converter with 12-bit resolution. Available in the SOT-23 package, this device provides one single-ended input with very low power consumption. Based on an advanced CM KPT 18C 18#20 SKT PLUG Low Power 12-Bit A/D Converter With I2CInterface 560KBITS BRAM 400000 SYSTEM GATES 404 - - NOT RECOMMENDED for NEW DESIGN 560KBITS BRAM 400000 SYSTEM GATES 404 I/ - NOT RECOMMENDED for NEW DESIGN The Microchip Technology Inc. MCP3221 is a successive approximation A/D converter with 12-bit resolution. Available in the SOT-23 ... Low Power 12-Bit A/D Converter With I2C?/a> Interface Low Power 12-Bit A/D Converter With I2C Interface
|
Microchip Technology, Inc. Microchip Technology Inc.
|
PIC12F635E/MF PIC12F635E/MFQTP PIC12F635E/P PIC12F |
8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY This powerful yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s ...
|
Microchip
|
AN1250 |
Microchip CTMU for Capacitive Touch Applications
|
Microchip Technology
|
PIC18F2680TEPSQTP PIC18F4584ESOQTP PIC18F4584ESPSQ |
PIC18F2585/2680/4585/4680 Data Sheet 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN?Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
HCS200-I/P HCS200-I/SN HCS200/P HCS200/SN |
The HCS200 is a code hopping encoder designed for Remote Keyless Entry (RKE) systems. The HCS200 utilizes Microchip’s patented ...
|
Microchip
|
PIC18F44800TI_SOQTP PIC18F44800TE_SOSQTP PIC18F448 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10A / D和纳瓦技 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin增强型闪存微控制器与ECAN技术,10位A / D和纳瓦技 DEM9PB
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
PIC18F4585-P PIC18F4585-I |
Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
|
Microchip Technology
|
IRF7328PBF IRF7328PBF10 IRF7328TRPBF IRF7328PBF-15 |
Trench Technology Trench Technology Ultra Low On-Resistance
|
International Rectifier
|
ATSAM4LC2C ATSAM4LC4C |
Cortex-M4 microcontroller with 128KB Flash, picoPower technology, LCD, hardware cryptography, USB host and device, QTouch technology,100 pins Cortex-M4 microcontroller with 256KB Flash, picoPower technology, LCD, hardware cryptography, USB host and device, QTouch technology,100 pins
|
Atmel, Corp.
|
Q67040S4722 Q67040S4724 IGP30N60T IGW30N60T |
1200V IGBT for frequencies up to 10kHz for hard switching applications and up to 30kHz for soft switching. Combined Trench- and Fieldstop-Technology. ... LOW LOSS IGBT IN TRENCH AND FILEDSTOP TECHNOLOGY
|
INFINEON[Infineon Technologies AG]
|
HCS300_01 HCS300-_P HCS300-_SN HCS300-I_P HCS300-I |
The HCS300 is a code hopping encoder designed for secure Remote Keyless Entry (RKE) systems. The HCS300 utilizes Microchip’s ... KEE LOQ Code Hopping Encoder
|
MICROCHIP[Microchip Technology]
|