PART |
Description |
Maker |
SST31LH041 31LH041 |
4 Megabit Flash 1 Megabit SRAM ComboMemory From old datasheet system
|
SST
|
SST31LH021 31LH021 |
2 Megabit Flash 1 Megabit SRAM ComboMemory From old datasheet system
|
SST
|
AT49LW080 AT49LW040 AT49LW040-33JC AT49LW040-33TC |
8-megabit and 4-megabit Firmware Hub Flash Memory
|
Atmel Corp.
|
AM50DL9608GT75IS AM50DL9608GT70IS AM50DL9608GT70IT |
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit SPECIALTY MEMORY CIRCUIT, PBGA73
|
Spansion Inc. Spansion, Inc.
|
AT28C010-12JC AT28C010-12JI AT28C010-12PC AT28C010 |
From old datasheet system 1 Megabit (128K x 8) 1 Megabit 128K x 8 Paged CMOS E2PROM
|
ATMEL Corporation
|
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AT49BV001A AT49BV001A-55JI AT49BV001A-55TI AT49BV0 |
128K x 8 (1M bit), 2.7-Volt Read and Write, Top or Bottom Boot Parametric Block Flash. 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage⑩ Flash Memory 1-MEGABIT (128K X 8) SINGLE 2.7-VOLT BATTERY-VOLTAGE⒙ FLASH MEMORY 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory AC 12C 12#12 SKT RECP JT 100C 100#22D SKT RECP AT49BV001A(N)(T) [Updated 9/03. 18 Pages] 128K x 8 (1M bit). 2.7-Volt Read and Write. Top or Bottom Boot Parametric Block Flash. AC 6C 3#16 3#4 SKT RECP Circular Connector; No. of Contacts:55; Series:MS27508; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 1兆位128K的8)单2.7伏电池电压⑩闪存 1-megabit (128K x 8) Single 2.7-volt Battery-VoltageFlash Memory 128K X 8 FLASH 2.7V PROM, 55 ns, PQCC32 1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
EN71PL032A0-70CWP EN71PL032A01 |
Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
|
Eon Silicon Solution Inc.
|
28LV011RPFB-25 28LV011RPFE-25 28LV011RT1FE-25 28LV |
3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)的EEPROM PN Series Box Enclosure; NEMA Type:1, 2, 4, 4X, 12, 13; Enclosure Material:Polycarbonate; External Height:3.54"; External Width:6.3"; External Depth:9.45"; Enclosure Color:Gray 128K X 8 EEPROM 3V, 200 ns, DFP32 3.3V 1 Megabit (128K x 8-Bit) EEPROM 3.3V兆位28K的8位)EEPROM 3.3V 1 Megabit (128K x 8-Bit) EEPROM 128K X 8 EEPROM 3V, 200 ns, DFP32
|
Maxwell Technologies, Inc
|