PART |
Description |
Maker |
STM32L151C6 STM32L151C8 STM32L151R8 STM32L151R6 ST |
(STM32L15xx6/8/B) Ultra-low-power 32-bit MCU
|
STMicroelectronics
|
SI1013-A-GM SI1010-A-GM SI1015-A-GM SI1011-A-GM SI |
Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
|
Silicon Laboratories http://
|
STM32L051K6 STM32L051T6 STM32L051T8 STM32L051C6 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
|
STMicroelectronics
|
STM32L151VBH6 STM32L151VBH6D STM32L152VBH6 STM32L1 |
Ultra-low-power ARM Cortex-M3 MCU with 128 Kbytes Flash, 32 MHz CPU, USB Ultra-low-power Cortex-M3 MCU with 128 Kbytes Flash, RTC, LCD, USB Ultra-low-power ARM Cortex-M3 MCU with 64 Kbytes Flash, 32 MHz CPU, USB
|
ST Microelectronics
|
STM32L053R6 STM32L053R6H6 STM32L053R6T6 STM32L053R |
Ultra-low-power ARM Cortex-M0 MCU with 32 Kbytes Flash, 32 MHz CPU, USB, LCD Ultra-low-powerARM Cortex-M0 MCU with 64 Kbytes Fmash, 32 MHz CPU, USB, LCD
|
ST Microelectronics
|
STM32L052X8 STM32L052K8 |
Ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 64 KB Flash memory, 8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC
|
STMicroelectronics
|
C8051F920 C8051F921 C8051F930 C8051F901 C8051F902 |
Ultra Low Power, High-Performance MCU
|
Silicon Laboratories
|
1060-915-DK 1060-490-DK |
ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
|
Silicon Laboratories
|
BUV28A BUV40 BUV27A BUW91 BUV26A |
8-bit MCU for automotive with single voltage, Flash memory, data EEPROM, ADC, timers, SPI 8-bit low cost, low pin-count MCU for automotive with single voltage Flash memory, ADC, timers 8-bit MCU for automotive with Flash or ROM, 10-bit ADC, 5 timers, SPI, LINSCI", active CAN 晶体管|晶体管| npn型| 150伏五(巴西)总裁| 12A条一(c)| TO - 220AB现有 VERY LOW DROP VOLTAGE REGULATOR 晶体管|晶体管| npn型| 200伏五(巴西)总裁|5A一(c)|的SOT - 93
|
STMicroelectronics N.V.
|
|