PART |
Description |
Maker |
UC3842A UC3843AN UC3842AD UC3842AN UC3842A_UC3843A |
From old datasheet system (UC3842A / UC3843A) SMPS Controller SMPS Controller 开关电源控制器
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HM11-52004 HM11-21001 HM11-21302 HM11-21503 HM11-2 |
LEAD FREE A8904SLB-T WITH TAPE & REEL Vertical Mount Inductors BACKLIGHT DRIVER FOR MEDIUM SIZE LCDS 50 AMP BI-DIRECTIONAL CURRENT SENSOR 75 AMP BI-DIRECTIONAL CURRENT SENSOR 100 AMP BI-DIRECTIONAL CURRENT SENSOR 30A BI-DIRECTIONAL CURRENT SENSOR Hall Effect IC; Package/Case:module-5; Current Rating:-50A to ; Leaded Process Compatible:Yes; Operating Temp. Min:-20 C; Peak Reflow Compatible (260 C):Yes; Primary Sensed Current :50A; Primary Sensed Current -:50A RoHS Compliant: Yes LEAD FREE A8904SLP-T WITH TAPE & REEL 20A BI-DIRECTIONAL CURRENT SENSOR 垂直安装电感
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LRC12JTRDAR010 LRC10JTRDAR010 LRC06JTRDAR010 LRC12 |
Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
|
Token Electronics Industry Co., Ltd. Token Electronics Indus...
|
STK1040 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-202; Current, It av:10A; Holding Current:50mA
|
|
1N974B 1N963B 1N965B 1N962B 1N970B 1N960B 1N968D 1 |
0.5W, silicon zener diode. Zener voltage 56V. Test current 2.2mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 30V. Test current 4.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 62V. Test current 2.0mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 120V. Test current 1.0mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 120V. Test current 1.0mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 75V. Test current 1.7mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 22V. Test current 5.6mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 39V. Test current 3.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 68V. Test current 1.8mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 160V. Test current 0.80mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 150V. Test current 0.85mA. -20% tolerance. 0.5W SILICON ZENER DIODES Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 50μA低电流操作,低反向漏,低噪声稳压二极管(250μA工作电流,小反向漏电流,低噪声,齐纳二极管) PC 4/ 5-ST-7,62 .5W硅稳压二极管 Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 0.5W, silicon zener diode. Zener voltage 180V. Test current 0.68mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 180V. Test current 0.68mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 200V. Test current 0.65mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 150V. Test current 0.85mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 68V. Test current 1.8mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 22V. Test current 5.6mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 7.5V. Test current 16.5mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 130V. Test current 0.95mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 51V. Test current 2.5mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 62V. Test current 2.0mA. -10% tolerance. 0.5W, silicon zener diode. Zener voltage 56V. Test current 2.2mA. -20% tolerance. 0.5W, silicon zener diode. Zener voltage 47V. Test current 2.7mA. -10% tolerance.
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. Semtech, Corp. 娴???洪??靛??ㄤ欢?????? Jinan Gude Electronic D...
|
X4005S8-2.7 X4005S8-2.7A X4005S8-4.5A X4005S8I X40 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 DIODE, STUD 95A 1200VDIODE, STUD 95A 1200V; Voltage, Vrrm:1200V; Current, If av:95A; Current, Ifs max:1150A; Voltage, forward at If:1.5V; Case style:E12; Thread size:M8; Diode type:Standard recovery; Polarity, diode:Stud Catho THYRISTOR, CAPSULE 600ATHYRISTOR, CAPSULE 600A; Voltage, Vrrm:1200V; Current, It av:600A; Case style:TO-200; Current, It rms:1400A; Current, Itsm:11500A; Voltage, Vgt:2.0V; Current, Igt:200mA; Diameter, External:57.3mm; Length / Thyristor Module; Current, It av:150A; Repetitive Reverse Voltage Max, Vrrm:1600V; Peak Surge Current:1250A; di/dt:100A/ s; Package/Case:G62 Thyristor Diode Module; Repetitive Reverse Voltage Max, Vrrm:1200V; Current Rating:220A
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STK12C68-5S30 STK12C68-5W30 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
STK10C68-L45M STK10C68-L55M |
NVRAM (EEPROM Based) Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
Z8916924VSC Z8916520VSC |
8-BIT MICROCONTROLLER Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 8位微控制
|
ON Semiconductor
|
STIP10 STI60 STI80 STI90 STIP805 STIP60 |
SURGE ARRESTER GDT 90V SMD DIODE TVS 9.1V 600W BIDIR 5% SMB TRANSISTOR | BJT | NPN | 900V V(BR)CEO | 1A I(C) | TO-5 DIODE TVS 47V 600W UNIDIR 5% SMB 晶体管|晶体管|叩| 600V的五(巴西)总裁| TO - 39封装 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:10mA; Current, It av:8A; Gate Trigger Current Max, Igt:10mA; Holding Current:15mA RoHS Compliant: Yes
|
|
|