PART |
Description |
Maker |
EL8203 EL5427CRZ-T7 EL8403IUZ-T7 EL5127 EL5127_06 |
500MHz Rail-to-Rail Amplifiers(500MHz轨至轨放大器) 2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
|
INTERSIL[Intersil Corporation]
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
TS7221 9412 TS7221BILT TS7221AI TS7221AILT TS7221B |
SINGLE BICMOS RAIL TO RAIL MICROPOWER COMPARATOR From old datasheet system SINGLE BICMOS RAIL TO RAIL 敌OWER COMPARATOR SINGLE BiCMOS RAIL TO RAIL uPOWER COMPARATOR 单BiCMOS工艺轨至轨uPOWER比较
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
CLC1020IST5X |
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
|
Exar Corporation
|
AD8631 AD8631ART AD8632 AD8632AR AD8632ARM AD8632A |
Dual, 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifier 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers 1.8伏,5兆赫轨到轨低功耗运算放大器 1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers OP-AMP, 4000 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDSO5
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ADM6315 ADM6315-25D2ART-RL ADM6315-25D2ART-RL7 ADM |
Voltage Detector 电压检测器 Single/Dual, 7ns, Low Power, 3V/5V/±5V Rail-to-Rail Comparators; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C Rail-to-Rail Current Sense Amplifier Micropower Ring Tone Generator Synchronous, Step-Down 800kHz PWM DC/DC Converter 2.5 V to 5 V at 100 mV Increments Supervisory Circuit in 4-Lead SOT-143
|
ON Semiconductor Electronic Theatre Controls, Inc. Analog Devices, Inc. Xicon Passive Components
|
KM4270 KM4270IC8 KM4270IM8 KM4270IM8TR3 KM4270IC8T |
XTAL MTL SMT HC49/USM 双路,低成本.7VV的,轨对轨输输出放大 Dual/ Low Cost/ 2.7V and 5V/ Rail-to-Rail I/O Amplifier Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD866308 AD8663ACPZ-REEL AD8663ACPZ-REEL7 AD8663AR |
Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifier; Package: LFCSP (3x3mm); No of Pins: 8; Temperature Range: Industrial OP-AMP, 175 uV OFFSET-MAX, 0.52 MHz BAND WIDTH, DSO8 Low Noise, Precision, 16 V, CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
ADCMP60407 ADCMP604BKSZ-R2 ADCMP604BKSZ-REEL7 ADCM |
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparator in a 12-lead LSCFP Package; Package: LFCSP (3x3mm); No of Pins: 12; Temperature Range: Industrial
|
ANALOG DEVICES INC
|