PART |
Description |
Maker |
CAT28F102 CAT28F102T14I-45T CAT28F102PI-45T CAT28F |
90ns 1M-bit CMOS flash memory 70ns 1M-bit CMOS flash memory 55ns 1M-bit CMOS flash memory 45ns 1M-bit CMOS flash memory 1 Megabit CMOS Flash Memory
|
Catalyst Semiconductor http://
|
HY29LV160TT-12 HY29LV160TF-12 HY29LV160TT-70 HY29L |
16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PDSO48 16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory 1M X 16 FLASH 2.7V PROM, 80 ns, PBGA48 Circular Connector; No. of Contacts:55; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:22-55
|
http:// Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
MB84VA2103-10 MB84VA2102 MB84VA2102-10 MB84VA2103 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
EN29LV640U EN29LV640U-70R EN29LV641H EN29LV641H-70 |
64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
|
Eon Silicon Solution Inc. ETC
|
LE28F4001M LE28F4001R LE28F4001R-15 LE28F4001R-20 |
4MEG (524288words x 8bit) flash memory 4 MEG (524288 words x 8 bits) Flash Memory
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
EN29LV641H EN29LV641L EN29LV641L-70TCP EN29LV641L- |
64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
|
Eon Silicon Solution Inc.
|
LH28F160S5 LH28F160S5-L10 LH28F160S5-L70 LH28F160S |
LH28F160S5D-L70 16MBIT (2MB x 8/1MB x 16)Smart 5 Flash Memory 16-MBIT(2MBx8/MBx16)Smart 5 Flash MEMORY 16-MBIT (2MBx8/1MBx16) Smart 5 Flash MEMORY
|
SHARP[Sharp Electrionic Components]
|
M5M29KE131BVP |
Memory>NOR type Flash Memory 134,217,728-BIT (16,777,216-WORD BY 8-BIT / 8,388,608-WORD BY 16-BIT) CMOS FLASH MEMORY Stacked-uMCP (micro Multi Chip Package)
|
Renesas Electronics Corporation
|
UT6716470-WCA UT6716470-WCC UT6716455-WCC UT671645 |
8K X 8 STANDARD SRAM, 55 ns, CDFP28 8K X 8 STANDARD SRAM, 55 ns, CDIP28 32 Mb (2M x 16, 4M x 8) MirrorBit, Flash Memory 静态存储器| 8KX8 |的CMOS | RAD数据通信硬|计划生育| 28脚|陶瓷 4 Mb (512K x 8, 256K x 16) Boot Sector, Flash Memory 64 Mb (4M x 16) Boot Sector, Flash Memory SRAM|8KX8|CMOS| RAD HARD|FP|28PIN|CERAMIC
|
Maxim Integrated Products, Inc.
|
AM29LV102B AM29LV102BB-120EC AM29LV102BB-120ECB AM |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory IC SMT SRAM 128K X 8 70NS 5V SOP-32 SRAM; Memory Type:Asynchronous SRAM; Memory Size:1MB; Memory Configuration:64K x 16; Access Time, Tacc:10ns; Package/Case:44-TSOP-II; Operating Temp. Max:70 C; Operating Temp. Min:0 C RoHS Compliant: Yes 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector 32-Pin Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区32引脚闪存
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|