PART |
Description |
Maker |
B82412-AXXX |
Size 1210 (EIA) or 3225 (IEC) Rated inductance
|
EPCOS
|
C1210X475M5RACAUTO |
Capacitor, Ceramic, SMD, MLCC, FT-CAP, Auto Grade, 4.7 uF, /-20% Tol, 50 V, X7R, 1210 (3225 metric)
|
Kemet Corporation
|
C1210C475K3PACTU |
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 4.7 uF, /-10% Tol, 25 V, X5R, 1210 (3225 metric)
|
Kemet Corporation
|
WPB-4T3216A-102L WPB-4S2010B-100T WPB-4S2010B-100B |
0.05 A, FERRITE CHIP ROHS COMPLIANT, EIA STD PACKAGE SIZE 1206, 8 PIN 4 FUNCTIONS, 0.2 A, FERRITE CHIP ROHS COMPLIANT, EIA STD PACKAGE SIZE 0805, 8 PIN
|
Stackpole Electronics, Inc. Sanken Electric Co., Ltd.
|
ATCC-211B-016-106 ATCC-211B-025-475 ATCC-211B-004- |
Meets EIA-535BAAC standard, Large capacitance in small size
|
Abracon Corporation
|
W2H15C1028AT1F |
1 FUNCTIONS, 50 V, 1 A, FEED THROUGH CAPACITOR EIA STANDARD PACKAGE SIZE 0805, 4 PIN
|
AVX, Corp.
|
UTPCH16RDY UTPCH7GRY |
; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:16ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7; Color:Red INTERCONNECTION DEVICE Connector assemblies, Network cables; Connector Type A:Category 5e Modular Plug; Connector Type B:Category 5e Modular Plug; Cable Length:7ft; Approval Categories:TIA/EIA-568-B.2 Cat 5e, ISO11801 Class D, FCC Part 68, IEC 60603-7
|
Panduit, Corp. PANDUIT CORP
|
GRM32DB31E106KA75L |
CAP 10UF 25V 10% B-TC SMD-1210 TR-7-PL SN100 CAPACITOR, CERAMIC, MULTILAYER, 25 V, B, 10 uF, SURFACE MOUNT, 1210
|
Murata Manufacturing Co., Ltd.
|
DLW31SH222SQ2L |
2 FUNCTIONS, 32 V, 0.08 A, DATA LINE FILTER EIA STD PACKAGE SIZE 1206, 4 PIN
|
Murata Manufacturing Co., Ltd.
|
DLP11SN900SL2L |
2 FUNCTIONS, 5 V, 0.16 A, DATA LINE FILTER EIA STD PACKAGE SIZE 0504, 2 PIN
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
3CFE1 |
Switch with IEC Connector Compact Size
|
Tyco Electronics
|
|