PART |
Description |
Maker |
3DD4125DT-O-T-N-C 3DD4125DM-O-M-N-C |
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
3DD4123DT 3DD4123DM 3DD4123DM-O-M-N-C 3DD4123DT-O- |
MIDDLING VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
JILIN SINO-MICROELECTRONICS CO., LTD.
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
HAT2027R |
Silicon N Channel Power MOS FET High Speed Power Switchin
|
HITACHI[Hitachi Semiconductor]
|
APT50GF60B2RD APT50GF60LRD |
Fast IGBT & FRED 600V 80A The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBT is a new generation of high voltage power IGBTs. Thin Film RF/Microwave Capacitor; Capacitance:3.9pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:50V; Package/Case:0603; Leaded Process Compatible:Yes; Operating Temp. Max:125 C; Operating Temp. Min:-55 C ⑩的快速IGBT是一种高压IGBT的新一代
|
ADPOW[Advanced Power Technology] Advanced Power Technology, Ltd.
|
F15 F25 F20 F30 |
Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(????靛?2000V锛?钩??????娴?50mA锛?酱??????瀵?????楂??蹇???㈠??存?浜??绠々 Fast Recovery Axial Rectifier1500 V-3000 VIo=0.35 A RECTIFIER, up to 3kV, 350mA, 250ns Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压2500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压3000V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Axialleaded Hermetically Sealed High Voltage Fast Rectifier Diode(反向电压1500V,平均正向电50mA,轴向引脚,密封型,高压快速恢复整流二极管) Fast Recovery Axial Rectifier.1500 V-3000 V.Io=0.35 A 快速恢复轴向Rectifier.1500 V000五,木卫一\u003d 0.35
|
Semtech Corporation Microsemi, Corp.
|
RGSP12W |
Fast Recovery Pack: ITO-220AC Fast Plastic Power Rectifiers VOLTAGE: 1500V CURRENT:12.0A
|
Gulf Semiconductor
|
SBYG23MG |
Fast Recovery Pack: SMA SURFACE MOUNT FAST SWITCHING RECTIFIER VOLTAGE?000V CURRENT?.5A
|
Gulf Semiconductor
|
1N4944GP 1N4946GP 1N4947GPE 1N4944GPE/4G 1N4942GP |
1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL PLASTIC, DO-41, 2 PIN Diodes Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Fast Switching Rectifier, Forward Current 1.0A, Reverse Voltage 1000V
|
Vishay Beyschlag
|
BYM26G |
Fast Recovery Pack: SOD-64 SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
|
Gulf Semiconductor
|
1N4933GP 1N4934GP 1N4935GP 1N4936GP 1N4937GP |
Fast Recovery Pack: DO-41 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
|
Gulf Semiconductor
|