PART |
Description |
Maker |
LX5204 LX5204CDP LX5204CPWP |
SCSI - Single Ended 9-LINE HOT SWAP/ POWER SCSI TERMINATOR 9-LINE HOT SWAP, POWER SCSI TERMINATOR 9-LINE HOT SWAP, レPOWER SCSI TERMINATOR 9-LINE HOT SWAP, μPOWER SCSI TERMINATOR
|
MICROSEMI[Microsemi Corporation]
|
PG2322 PG2324 PG2311 PG2326 PG2325 PG2316 |
Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Negative 48V Hot Swap Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Secondary Side Dual Output Controller with Opto Driver; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C Negative 48V Hot Swap Controller; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 10A I(C) | TO-5 晶体管|晶体管|进步党| 50V五(巴西)总裁| 10A条一(c)|5
|
Glenair, Inc.
|
HIP1011E HIP1011D_04 HIP1011D HIP1011D04 HIP1011EC |
Dual Slot PCI Hot Plug Controller; Temperature Range: 0°C to 70°C; Package: 28-SSOP T&R SPECIALTY ANALOG CIRCUIT, PDSO28 Dual Slot PCI Hot Plug Controllers
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AM27C800-120DC AM27C800-120DCB AM27C800-120DE AM27 |
Hot Swappable 2-Wire Bus Buffers; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C x8/x16存储 x8/x16 EPROM x8/x16存储 Dual Hot Swap Controller/Power Sequencer with Dual Speed, Dual Level Fault Protection; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 -48V Hot Swap Controller with Sequencer; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C x8/x16存储 Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C x8/x16存储 Negative Voltage Hot Swap Controllers; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C x8/x16存储 x8/x16EPROM
|
Advanced Micro Devices, Inc. Molex, Inc. Rochester Electronics, LLC 3M Company Macronix International Co., Ltd. Analog Integrations, Corp. Analog Devices, Inc.
|
ISL6116 ISL6120 ISL6120CB ISL6120CB-T ISL6120CBZA |
Controller, Hot Swap, Power Distribution, Single 2.5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 3.3V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 5V Control and Low Side Switch, IntelliTripCurrent Regulation, PGOOD Always Enabled Controller, Hot Swap, Power Distribution, Single 12V Control, IntelliTripCurrent Regulation, PGOOD Always Enabled Octal Transparent D-Type Latches With 3-State Outputs 20-SO -40 to 85 Power Distribution Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
PI3B3244 PI3B3244L PI3B3244LE PI3B3244Q PI3B3244QE |
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch 3.3,热插入位,2端口NanoSwitch 3.3V/ Hot Insertion/ 8-Bit/ 2-Port NanoSwitch
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation] Pericom Technology
|
ISL6140 ISL6150 ISL6140CB ISL6140CB-T ISL6140CBZ I |
Hot Plug Controller, Negative Voltage, -10V to -80V, Programmable Inrush Current, OC Shutdown, UV/OV Protection, Active high PWRGD Hot Plug Controller, Negative Voltage, -10V to -80V, Programmable Inrush Current, OC Shutdown, UV/OV Protection, Active low PWRGD-bar Negative Voltage Hot Plug Controller
|
INTERSIL[Intersil Corporation]
|
LTC4215CUFD-1TR LTC4215CUFD-1PBF LTC4215IUFD-1TR L |
Hot Swap Controller with I2C Compatible Monitoring; Package: QFN; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PQCC24 Hot Swap Controller with I2C Compatible Monitoring
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PI3C3245Q PI3C3245L |
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch 2.5V/3.3V的,高带宽,热插位,2端口,总线开 2.5V/3.3V/ High Bandwidth/ Hot Insertion 8-Bit/ 2-Port/ Bus Switch
|
Pericom Technology Pericom Semiconductor, Corp. Pericom Semiconductor Corporation
|
ADM1070ART ADM1070 |
-48 V Hot Swap Controller
|
AD[Analog Devices]
|
LTC1642A LT4250 LTC4252A-1 LTC4252A-2 LTC4251-1 LT |
?8V Hot Swap Controllers
|
Linear Technology
|