PART |
Description |
Maker |
MPC8280 MPC8270 |
PowerQUICC II Family Reference Manual PowerQUICC?/a> II Family Reference Manual
|
Freescale Semiconductor, Inc
|
MPC8280 MPC8280CZUE MPC8280CZUP MPC8280CZUB MPC828 |
PowerQUICC II Family Hardware Specifications PowerQUICC II?/a> Family Hardware Specifications
|
Freescale Semiconductor, Inc http://
|
MPC8271 MPC8271VR MPC8272 MPC8272VR MPC8272ZQ MPC8 |
MPC8272 PowerQUICC II Family Hardware Specifications
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
MPC82XXCVRXXXX MPC8248VRPIEA MPC8247CVRTIEA MPC824 |
MPC8272 PowerQUICC II Family Hardware Specifications
|
Freescale Semiconductor, Inc
|
MPC8540 |
MPC8540 PowerQUICC III⑩ Integrated Host Processor Reference Manual
|
FREESCALE[Freescale Semiconductor, Inc]
|
MPC8323E10 MPC8323ECVRADDCA MPC8323CVRADDCA MPC832 |
PowerQUICC?/a> II Pro Integrated Communications Processor Family Hardware Specifications PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications PowerQUICC垄芒 II Pro Integrated Communications Processor Family Hardware Specifications
|
Freescale Semiconductor, Inc
|
MC9S12C32CFAE25 MC9S12C32CFA16 MC9S12C32CFA25 MC9S |
MC9S12C Family MC9S12GC Family Reference Manual
|
Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
MPC8321ZQADDC MPC8321EVRADDC MEMCMDQ3 MEMCMDQ20 ME |
Single platform architecture supports the convergence of IP packet networks and ATM networks. PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
LTC6655 LTC6655CHMS8-1.25 LTC6655CHMS8-1.25PBF LTC |
0.25ppm Noise, Low Drift Precision Buffered Reference Family Low Noise 0.25ppm, Low Drift Precision Buffered Reference Family, 8-Lead Plastic MSOP, Temperature Range: –40°C to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO8 Low Noise 0.25ppm, Low Drift Precision Buffered Reference Family, 8-Lead Plastic MSOP, Temperature Range: –40°C to 125°C, Tape and Reel 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC6655 |
0.25ppm Noise Low Drift Precision Buffered Reference Family
|
Linear Technology
|
LT1790BIS6-2.048-PBF LT1790BIS6-1.25-PBF LT1790ACS |
Micropower SOT-23 Low Dropout Reference Family Micropower SOT-23 Low Dropout Reference Family
|
Linear Technology
|