PART |
Description |
Maker |
MM-0637A-100 |
Operating Voltage = 48 Vdc Operating Current (Max) = 100 Amp
|
JMK Inc.
|
MF-0637A-60BR |
Operating Voltage = 48 Vdc Operating Current = 60 Amperes
|
JMK Inc.
|
HH-1134-8 |
Operating Voltage = 63 Vdc Operating Current = 8 Amps
|
JMK Inc.
|
KK-1443-35 |
Operating voltage (max) = 50 Vdc Operating Current (max) = 35 Amperes
|
JMK Inc.
|
BY398 |
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER RP40 (G) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 5V; Auxilary Voltage (Vdc): 12V; 2:1 Wide
|
DC Components Co., Ltd.
|
P82B715 P82B715TD P82B715PN112 P82B715TD-T |
I2C-bus extender I2C bus extender - I2C-bus: 100 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~12.0 VDC; Outputs: 1; Package: SOT97-1 (DIP8); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDIP8
|
http:// NXP Semiconductors N.V.
|
BY268 BY269 |
RP40 (GW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 40 Watts 0.8A FAST RECOVERY HIGH VOLTAGE GLASS BODY RECTIFIER
|
Diodes Inc. DIODES[Diodes Incorporated]
|
BSP62 BSP60 BSP61 |
RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 5V; 2:1 Wide Input Voltage Range; 10 Watts PNP Silicon Darlington Transistors
|
INFINEON[Infineon Technologies AG]
|
BSX48 Q60218-X49 BSX49 Q60218-X48 |
RP10 (EW) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 48V; Output Voltage (Vdc): 5V; 4:1 Wide Input Voltage Range; 10 Watts NPN SILICON PLANAR TRANSISTORS
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
CX-49F CX-49 CX-49F-8.000MHZ-CL CX-49F-10.000MHZ-C |
It is a 4.5mm high/ compact/ crystal unit for surface mounting. From old datasheet system For ECU. AC-DC Converter, 30 Watt, Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 2.5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp QUARTZ CRYSTAL RESONATOR, 10 MHz
|
Kyocera Kinseki Corporation KSS[Kyocera Kinseki Corpotation]
|
BSP50BSP52 BSP51 Q62702-P1165 BSP50 BSP50BBSP52 BS |
NPN Silicon Darlington Transistors (High collector current Low collector-emitter saturation voltage) From old datasheet system RP10 (E) Series - Powerline Regulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 3.3V; 2:1 Wide Input Voltage Range; 10 Watts
|
Siemens Semiconductor G... Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|