PART |
Description |
Maker |
IRGC14C40LD IRGC14C40LC IRGC14C40LB IRGC14C40LBPBF |
TRANSISTOR | IGBT | N-CHAN | 430V V(BR)CES | CHIP 14 A, 370 V, N-CHANNEL IGBT
|
|
CG3310 ECG3323 ECG3312 |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 25A I(C) | TO-247VAR TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 8A I(C) | TO-247VAR
|
|
IRG4BC20WS IRG4BC20W-S IRG4BC20W-STRR IRG4BC20W-ST |
600V Warp 60-150 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 13A I(C) | TO-263AB
|
IRF[International Rectifier]
|
SGW15N120 |
TRANSISTOR,IGBT,N-CHAN,1.2KV V(BR)CES,32A I(C),TO-247AC
|
Infineon
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRGC100B120UB |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | CHIP 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展|芯片
|
Belden, Inc.
|
F8A10G |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 8A I(C) | TO-247 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 8A条一(c)|47
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
CT15AM24E |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 15A I(C) | TO-247VAR 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展|5A一(c)|47VAR
|
Chicago Miniature Lighting, LLC
|
FF75R12KF |
TRANSISTOR | IGBT | N-CHAN | DUAL | 1.2KV V(BR)CES | 75A I(C) | M:HL093HD5.6 晶体管| IGBT的|正陈|双| 1.2KV五(巴西)国际消费电子展| 75A条一(c)|米:HL093HD5.6
|
Infineon Technologies AG
|
IXSH35N100 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 35A I(C) | TO-247AD 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 35A条一(c)|采用TO - 247AD
|
PerkinElmer, Inc.
|