PART |
Description |
Maker |
08K150-055S3 |
Mismatch
|
Rosenberger Hochfrequen...
|
02S102-K075 |
Mismatch Airline Plug / Jack
|
Rosenberger Hochfrequen...
|
MAX3946ETG MAX394611 |
1Gbps to 11.3Gbps, SFP Laser Driver with Laser Impedance Mismatch Tolerance
|
Maxim Integrated Products
|
RFP-60-50TPR-S |
0 MHz - 6000 MHz RF/MICROWAVE TERMINATION ROHS COMPLIANT PACKAGE-1 Flanged Termination 60 Watts, 50Ohms
|
Anaren, Inc. Anaren Microwave
|
CHF5225CNF500L |
60 W Power RF Flanged Chip Termination 0 MHz - 4000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
Bourns, Inc.
|
74ABT2241 74ABT2241D 74ABT2241DB 74ABT2241N 74ABT2 |
Power Supply ABT SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal buffer with 30 series termination From old datasheet system Octal buffer with 30ohm series termination resistors; 3-State Octal buffer with 30 Ohm series termination resistors (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
ST1284 ST1284-01 ST1284-01A8 ST1284-01A8RL ST1284- |
PARALLEL PORT SINGLE TERMINATION NETWORK WITH /-15KV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH ±15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 15kV ESD PROTECTION PARALLEL PORT SINGLE TERMINATION NETWORK WITH 【15KV ESD PROTECTION RECTIFIER FAST-RECOVERY SINGLE 1A 400V 30A-ifsm 1.3V-vf 150ns 5uA-ir DO-41 5K/REEL-13 并行端口终端网络与单15kV ESD保护 PARALLEL PORT SINGLE TERMINATION NETWORK WITH 5kV ESD PROTECTION 并行端口终端网络与单5kV ESD保护
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74ABT162244 74ABT162244DGG 74ABT162244DL 74ABTH162 |
16-bit buffer/line driver with 30ohm series termination resistors 3-State 16-bit buffer/line driver with 30W series termination resistors (3-State) Terminate the electric resistance with a series of 16 the buffer of a littles/ line driver(3- state) 16-Bit Buffer/Line DriverWith 30Ω Series Termination Resistors(3-State)(16位缓冲器/线驱动器(三态)) Octal bus transceivers 20-SOIC 0 to 70 16-bit buffer/line driver with 30 Ohm series termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
SY89858U SY89858UMG SY89858UMGTR SY89845U SY89845U |
PRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION From old datasheet system
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
N74F2373N 74F2373 N74F2373D 74F2373_1 |
Octal transparent latch with 30Ωequivalent output termination (3-State)(0Ω等值输出终端电阻的八透明锁存器(三态)) 八路透明锁存30Ωequivalent输出端接态)(带30Ω等值输出终端电阻的八透明锁存器(三态) From old datasheet system Octal transparent latch with 30ohm equivalent output termination 3-State Octal transparent latch with 30 Ohm equivalent output termination (3-State)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
CHF2010DNP500RXE CHF2010CNP101LXF CHF2010DNP500LXE |
0 MHz - 2000 MHz RF/MICROWAVE TERMINATION 10 W Power RF Chip Termination/Resistor 10 W Power RF Chip Termination/Resistor
|
BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|