PART |
Description |
Maker |
B772 |
TO-126 Plastic-Encapsulate Transistors ER 10C 10#16 SKT RECP BOX
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
AS1431 AS1431DR4D13 AS1431DR4D7 AS1431DR4DA AS1431 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 ER 9C 6#16 3#12 SKT RECP 精密可调并联参 ER 19C 19#16 SKT RECP BOX 精密可调并联参 Precision Adjustable Shunt Reference 精密可调并联参
|
ASTEC Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
LTM-STR4 |
PT 10C 10#20 SKT RECP 4-Channel Webcasting Video and Audio Signal Conditioner
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
ISL88708 ISL88716 ISL88706 ISL88705 ISL88705IB846Z |
UP Supervisor with Watchdog Timer,Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset 与看门狗定时器,电源故障比较器,手动复位和可调电源监控复位, GT 14C 14#16 SKT RECP BOX 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 PTB 32C 32#20 PIN/SKT RECP SPST, Snap-in Pushbuttons
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IDT7207L20J IDT7207L20JB IDT7207L15J IDT7207L15JB |
CMOS ASYNCHRONOUS FIFO 32,768 x 9 CMOS ASYNCHRONOUS FIFO 32768 x 9 ER 3C 3#16 PIN RECP BOX ER 12C 12#12 SKT RECP ER 3C 3#16S PIN RECP BOX 32K X 9 OTHER FIFO, 15 ns, CQCC32 ER 4C 4#16S PIN RECP LINE ER 4C 46S 线性插 ER 2C 2#16S PIN RECP BOX 的CMOS异步FIFO 32768 × 9 LVDS 21-Bit Serializers/De-Serializers 32K X 9 OTHER FIFO, 20 ns, QCC32 CMOS ASYNCHRONOUS FIFO 32/768 x 9 LVDS 21-Bit Serializers/De-Serializers; ; No of Pins: 48; Container: Rail
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
JAN7805K JAN7805T JAN7815K JAN7815T SG7815AIG_DESC |
POSITIVE FIXED VOLTAGE REGULATOR Positive Fixed Linear Voltage Regulators THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, SFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBCY3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 12 V FIXED POSITIVE REGULATOR, MBFM2 SINGLEMODE FIBER PATCH CABLE, PLEM ST-SC 30M 15 V FIXED POSITIVE REGULATOR, CSFM3 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 15 V FIXED POSITIVE REGULATOR, MBFM2 Circular Connector; No. of Contacts:23; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:16-99 RoHS Compliant: No JT 26C 26#20 SKT WALL RECP JT 55C 55#22D PIN PLUG JT 10C 10#20 SKT RECP JT 23C 21#20 2#16 SKT PLUG Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes JT 10C 10#20 PIN RECP From old datasheet system
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] http://
|
ATV2500B-15KM/883 ATV2500BL-20KM/883 ATV2500BQL-30 |
High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDIP40 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 30 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 15 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CQCC44 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PQCC44 High-Speed High-Density UV Erasable Programmable Logic Device UV PLD, 25 ns, CDIP40 High-Speed High-Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PDIP40 ER 4C 4#8 SKT RECP BOX Seals Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:22-19 RoHS Compliant: No ER 14C 14#16 SKT RECP CONTROL KNOB RoHS Compliant: Yes ER 3C 3#8 SKT RECP BOX ER 7C 7#16 PIN RECP ER 3C 1#16 2#8 PIN RECP BOX ER 9C 9#16 PIN RECP
|
Atmel, Corp. Atmel Corp. http:// ATMEL Corporation
|
ATF1508Z ATF1508ASZ-25QC100 ATF1508ASZ-25QC160 ATF |
High Performance E2 PLD High Performance E2 PLD EE PLD, 25 ns, PQCC84 High Performance E2 PLD EE PLD, 20 ns, PQCC84 High Performance E2 PLD EE PLD, 15 ns, PQFP160 High Performance E2 PLD EE PLD, 15 ns, PQFP100 CAC 7C 7#16S PIN RECP BOX ER 2C 2#8 PIN RECP BOX CAC 6C 6#16S PIN RECP BOX CAC 14C 14#16 PIN RECP BOX AB 14C 14#20 SKT RECP High Performance E2PLD
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AT80F51-20PI AT80F51 AT80F51-12AC AT80F51-12AI AT8 |
8-Bit Microcontroller with 4K Bytes QuickFlash Memory 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PQCC44 8-Bit Microcontroller with 4K Bytes QuickFlash Memory 8-BIT, FLASH, 20 MHz, MICROCONTROLLER, PDIP40 ER 2C 2#8 SKT RECP BOX 84K字节QuickFlash内存控制 ER 14C 14#16 PIN RECP 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:17; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Male RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:14; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No ER 4C 2#16 2#8 SKT RECP BOX ER 4C 2#16 2#8 PIN RECP
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
BZW03 BZW03-C10 BZW03-C100 BZW03-C11 BZW03_1 BZW03 |
Voltage regulator diodes(?靛?绋冲?浜??绠? MB 41C 41#20 SKT RECP MB 32C 32#20 SKT RECP 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 21C 21#16 PIN PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 21C 21#16 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 3C 3#16 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 8C 8#20 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 3C 3#16 SKT RECP 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 4C 4#12 SKT PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 8C 8#20 PIN PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE MB 10C 10#20 PIN PLUG 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Voltage regulator diodes(电压稳压二极 From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
|